Electronic Components Datasheet Search |
|
CDK1308DILP40 Datasheet(PDF) 8 Page - Exar Corporation |
|
CDK1308DILP40 Datasheet(HTML) 8 Page - Exar Corporation |
8 / 14 page Data Sheet ©2009-2013 Exar Corporation 8/14 Rev 1B Electrical Characteristics - CDK1308C (AVDD = 1.8V, DVDD = 1.8V, DVDDCLK = 1.8V, OVDD = 2.5V, 65MSPS clock, 50% clock duty cycle, -1dBFS 8MHz input signal, unless otherwise noted) Symbol Parameter Conditions Min Typ Max Units Performance SNR Signal to Noise Ratio FIN = 8MHz 60 61.6 dBFS FIN = 20MHz 61.6 dBFS FIN ≃ FS/2 61.5 dBFS FIN = 40MHz 61.3 dBFS SINAD Signal to Noise and Distortion Ratio FIN = 8MHz 60 61.6 dBFS FIN = 20MHz 61.6 dBFS FIN ≃ FS/2 60.4 dBFS FIN = 40MHz 61.1 dBFS SFDR Spurious Free Dynamic Range FIN = 8MHz 70 77 dBc FIN = 20MHz 77 dBc FIN ≃ FS/2 70 dBc FIN = 40MHz 75 dBc HD2 Second order Harmonic Distortion FIN = 8MHz -80 -90 dBc FIN = 20MHz -95 dBc FIN ≃ FS/2 -85 dBc FIN = 40MHz -90 dBc HD3 Third order Harmonic Distortion FIN = 8MHz -70 -77 dBc FIN = 20MHz -77 dBc FIN ≃ FS/2 -70 dBc FIN = 40MHz -75 dBc ENOB Effective number of Bits FIN = 8MHz 9.7 9.9 bits FIN = 20MHz 9.9 bits FIN ≃ FS/2 9.7 bits FIN = 40MHz 9.9 bits Power Supply AIDD Analog Supply Current 13.8 mA DIDD Digital Supply Current Digital core supply 2.6 mA OIDD Output Driver Supply 2.5V output driver supply, sine wave input, FIN = 1MHz, CLK_EXT enabled 4.9 mA 2.5V output driver supply, sine wave input, FIN = 1MHz, CLK_EXT disabled 3.4 mA Analog Power Dissipation 24.8 mW Digital Power Dissipation OVDD = 2.5V, 5pF load on output bits, FIN = 1MHz, CLK_EXT disabled 13.2 mW Total Power Dissipation OVDD = 2.5V, 5pF load on output bits, FIN = 1MHz, CLK_EXT disabled 38.0 mW Power Down Dissipation 9.3 µW Sleep Mode Power Dissipation, Sleep mode 15.7 mW Clock Inputs Max. Conversion Rate 65 MSPS Min. Conversion Rate 40 MSPS |
Similar Part No. - CDK1308DILP40 |
|
Similar Description - CDK1308DILP40 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |