Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1214Y4PAGR Datasheet(PDF) 10 Page - Texas Instruments

Part # MSC1214Y4PAGR
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1214Y4PAGR Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSC1214Y4PAGR Datasheet HTML 6Page - Texas Instruments MSC1214Y4PAGR Datasheet HTML 7Page - Texas Instruments MSC1214Y4PAGR Datasheet HTML 8Page - Texas Instruments MSC1214Y4PAGR Datasheet HTML 9Page - Texas Instruments MSC1214Y4PAGR Datasheet HTML 10Page - Texas Instruments MSC1214Y4PAGR Datasheet HTML 11Page - Texas Instruments MSC1214Y4PAGR Datasheet HTML 12Page - Texas Instruments MSC1214Y4PAGR Datasheet HTML 13Page - Texas Instruments MSC1214Y4PAGR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
MSC1211, MSC1212
MSC1213,MSC1214
SBAS323D − JUNE 2004 − REVISED SEPTEMBER 2005
www.ti.com
10
EXPLANATION OF THE AC SYMBOLS
Each Timing Symbol has five characters. The first character is always ’t’ (= time). The other characters, depending on their positions, indicate the name of a signal
or the logical status of that signal. The designators are:
A
Address
C
Clock
D
Input Data
H
Logic Level High
I
Instruction (program memory contents)
L
Logic Level Low, or ALE
P
PSEN
Q
Output Data
R
RD Signal
t
Time
V
Valid
W
WR Signal
X
No Longer a Valid Logic Level
Z
Float
Examples:
(1) tAVLL = Time for address valid to ALE Low.
(2) tLLPL = Time for ALE Low to PSEN Low.
t
LHLL
t
AVLL
t
LLPL
t
PLPH
t
LLIV
t
LLAX
t
PLAZ
t
PXIZ
t
PXIX
t
AVIV
t
PLIV
A0−A7
A0−A7
A8−A15
A8−A15
INSTR IN
ALE
PSEN
PORT 0
PORT 2
Figure 1. External Program Memory Read Cycle
t
AVLL
ALE
RD
PSEN
PORT 0
PORT 2
A0−A7
from RI or DPL
DATA IN
A0−A7 from PCL
INSTR IN
P2.0−P2.7 or A8−A15 from DPH
A8−A15 from PCH
t
AVDV
t
LLDV
t
WHLH
t
RLRH
t
LLWL
t
LLAX
t
RLAZ
t
RHDX
t
RLDV
t
AVWL
t
RHDZ
Figure 2. External Data Memory Read Cycle


Similar Part No. - MSC1214Y4PAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1214Y4PAGR TI1-MSC1214Y4PAGR Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1214Y4PAGRG4 TI1-MSC1214Y4PAGRG4 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
More results

Similar Description - MSC1214Y4PAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1211 TI1-MSC1211_16 Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com