Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCE161284DLR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCE161284DLR
Description  19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCE161284DLR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVCE161284DLR Datasheet HTML 1Page - Texas Instruments SN74LVCE161284DLR Datasheet HTML 2Page - Texas Instruments SN74LVCE161284DLR Datasheet HTML 3Page - Texas Instruments SN74LVCE161284DLR Datasheet HTML 4Page - Texas Instruments SN74LVCE161284DLR Datasheet HTML 5Page - Texas Instruments SN74LVCE161284DLR Datasheet HTML 6Page - Texas Instruments SN74LVCE161284DLR Datasheet HTML 7Page - Texas Instruments SN74LVCE161284DLR Datasheet HTML 8Page - Texas Instruments SN74LVCE161284DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN74LVCE161284
19BIT IEEE 1284 TRANSLATION TRANSCEIVER
WITH ERRORFREE POWER UP
SCES541 − JANUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range: VCC CABLE
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input and output voltage range, VI and VO: Cable side (see Notes 1 and 2)
−2 V to 7 V
. . . . . . . . . . . . . . . . . .
Peripheral side (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO: Except PERI LOGIC OUT
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PERI LOGIC OUT
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through each VCC or GND
±200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output high sink current, ISK (VO = 5.5 V and VCC CABLE = 3 V)
65 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): DGG package
70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
63
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The ac input-voltage pulse duration is limited to 40 ns if the amplitude is greater than −0.5 V.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC CABLE
Supply voltage for the cable side, VCC CABLE ≥ VCC
3
5.5
V
VCC
Supply voltage
3
3.6
V
A, B, DIR, and HD
2
VIH
High-level input voltage
C14−C17
2.3
V
VIH
High-level input voltage
HOST LOGIC IN
2.6
V
PERI LOGIC IN
2
A, B, DIR, and HD
0.8
VIL
Low-level input voltage
C14−C17
0.8
V
VIL
Low-level input voltage
HOST LOGIC IN
1.6
V
PERI LOGIC IN
0.8
VI
Input voltage
Peripheral side
0
VCC
V
VI
Input voltage
Cable side
0
5.5
V
VO
Open-drain output voltage
HD low
0
5.5
V
HD high, B and Y outputs
−14
IOH
High-level output current
A outputs and HOST LOGIC OUT
−4
mA
IOH
High-level output current
PERI LOGIC OUT
−0.5
mA
B and Y outputs
14
IOL
Low-level output current
A outputs and HOST LOGIC OUT
4
mA
IOL
Low-level output current
PERI LOGIC OUT
84
mA
TA
Operating free-air temperature
0
70
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74LVCE161284DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCE161284DLR TI-SN74LVCE161284DLR Datasheet
336Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284DLR TI-SN74LVCE161284DLR Datasheet
365Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
More results

Similar Description - SN74LVCE161284DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284_07 Datasheet
336Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A_05 Datasheet
140Kb / 11P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284_08 Datasheet
365Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A_08 Datasheet
277Kb / 13P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
logo
STMicroelectronics
74LVCZ161284A STMICROELECTRONICS-74LVCZ161284A Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
   IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
   IEEE 1284 Transceiver
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
   IEEE 1284 Interface Design Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com