Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1003IST5MTR Datasheet(PDF) 3 Page - Exar Corporation

Part # CLC1003IST5MTR
Description  Low Distortion, Low Offset, RRIO Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1003IST5MTR Datasheet(HTML) 3 Page - Exar Corporation

  CLC1003IST5MTR Datasheet HTML 1Page - Exar Corporation CLC1003IST5MTR Datasheet HTML 2Page - Exar Corporation CLC1003IST5MTR Datasheet HTML 3Page - Exar Corporation CLC1003IST5MTR Datasheet HTML 4Page - Exar Corporation CLC1003IST5MTR Datasheet HTML 5Page - Exar Corporation CLC1003IST5MTR Datasheet HTML 6Page - Exar Corporation CLC1003IST5MTR Datasheet HTML 7Page - Exar Corporation CLC1003IST5MTR Datasheet HTML 8Page - Exar Corporation CLC1003IST5MTR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© 2007-2014 Exar Corporation
3 / 17
exar.com/CLC1003
Rev 1D
CLC1003
Electrical Characteristics at +3V
TA = 25°C, VS = +3V, Rf = 1kΩ, RL = 1kΩ to VS/2; G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
GBWP
-3dB Gain Bandwidth Product
G = 10, VOUT = 0.05Vpp
31
MHz
UGBW
Unity Gain Bandwidth
VOUT = 0.05Vpp, Rf = 0
50
MHz
BWSS
-3dB Bandwidth
VOUT = 0.05Vpp
24
MHz
BWLS
Large Signal Bandwidth
VOUT = 2Vpp
3.3
MHz
Time Domain
tR, tF
Rise and Fall Time
VOUT = 2V step; (10% to 90%)
150
ns
tS
Settling Time to 0.1%
VOUT = 2V step
78
ns
OS
Overshoot
VOUT = 2V step
0.3
%
SR
Slew Rate
2V step
11
V/μs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
2Vpp, 10kHz, RL = 1kΩ
-98
dBc
2Vpp, 100kHz, RL = 100Ω
-85
dBc
HD3
3rd Harmonic Distortion
2Vpp, 10kHz, RL = 1kΩ
-95
dBc
2Vpp, 100kHz, RL = 100Ω
-81
dBc
THD
Total Harmonic Distortion
1Vpp, 1kHz, G = 1, RL = 2kΩ
0.0005
%
en
Input Voltage Noise
>10kHz
5.5
nV/√Hz
>100kHz
3.9
nV/√Hz
DC Performance
VIO
Input Offset Voltage
0.088
mV
dVIO
Average Drift
1.3
μV/°C
IB
Input Bias Current
-0.340
μA
dIB
Average Drift
0.8
nA/°C
IOS
Input Offset Current
0.2
μA
PSRR
Power Supply Rejection Ratio
DC
100
dB
AOL
Open Loop Gain
VOUT = VS / 2
104
dB
IS
Supply Current
per channel
1.85
mA
Input Characteristics
RIN
Input Resistance
Non-inverting, G = 1
30
CIN
Input Capacitance
1.1
pF
CMIR
Common Mode Input Range
-0.5 to 3.5
V
CMRR
Common Mode Rejection Ratio
DC, VCM = 0.5V to 2.5V
94
dB
Output Characteristics
VOUT
Output Swing
RL = 150Ω
0.085 to
2.80
V
RL = 1kΩ
0.04 to
2.91
V
IOUT
Output Current
+75, -40
mA
ISC
Short Circuit Current
VOUT = VS / 2
+95, -50
mA


Similar Part No. - CLC1003IST5MTR

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1003IST5X CADEKA-CLC1003IST5X Datasheet
1Mb / 16P
   Low Distortion, Low Offset, RRIO Amplifier
More results

Similar Description - CLC1003IST5MTR

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1003 CADEKA-CLC1003 Datasheet
1Mb / 16P
   Low Distortion, Low Offset, RRIO Amplifier
logo
Exar Corporation
CLC2023 EXAR-CLC2023 Datasheet
1Mb / 18P
   Dual, Low Distortion, Low Offset, RRIO Amplifier
logo
Texas Instruments
OP-07 TI1-OP-07 Datasheet
373Kb / 8P
[Old version datasheet]   Low Offset, Low Drift Operational Amplifier
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
[Old version datasheet]   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
OP-07 NSC-OP-07 Datasheet
124Kb / 6P
   Low Offset, Low Drift Operational Amplifier
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
   Low Offset RRO Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com