Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDK8307EITQ80 Datasheet(PDF) 8 Page - Exar Corporation

Part # CDK8307EITQ80
Description  12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK8307EITQ80 Datasheet(HTML) 8 Page - Exar Corporation

Back Button CDK8307EITQ80 Datasheet HTML 4Page - Exar Corporation CDK8307EITQ80 Datasheet HTML 5Page - Exar Corporation CDK8307EITQ80 Datasheet HTML 6Page - Exar Corporation CDK8307EITQ80 Datasheet HTML 7Page - Exar Corporation CDK8307EITQ80 Datasheet HTML 8Page - Exar Corporation CDK8307EITQ80 Datasheet HTML 9Page - Exar Corporation CDK8307EITQ80 Datasheet HTML 10Page - Exar Corporation CDK8307EITQ80 Datasheet HTML 11Page - Exar Corporation CDK8307EITQ80 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Data Sheet
©2009-2013 Exar Corporation
8/31
Rev 1C
Pin Assignments - TQFP
(Continued)
Pin No.
Pin Name
Description
41
FCLKP
LVDS frame clock (1x), positive output
42
FCLKN
LVDS frame clock (1x), negative output
45
RESETN
Reset SPI interface
61
TP
Test pin. Leave open (un-connected) or connect to GND.
62, 64, 66, 67, 69
NC
Not connected
65
VCM
Common mode output pin, 0.5 AVDD
71
CLKP
Positive differential input clock
72
CLKN
Negative differential input clock.
75
OVDD
Digital CMOS inputs supply voltage (1.7V to 3.6V)
76
CSN
Chip select enable. Active low.
77
SDATA
Serial data input
78
SCLK
Serial clock input


Similar Part No. - CDK8307EITQ80

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK8307EITQ80 CADEKA-CDK8307EITQ80 Datasheet
1Mb / 31P
   12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
More results

Similar Description - CDK8307EITQ80

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK8307_1A CADEKA-CDK8307_1A Datasheet
1Mb / 31P
   12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
CDK8307 CADEKA-CDK8307 Datasheet
1Mb / 29P
   12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Exar Corporation
CDK1307 EXAR-CDK1307 Datasheet
957Kb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Cadeka Microcircuits LL...
CDK1307 CADEKA-CDK1307 Datasheet
1Mb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Exar Corporation
CDK2307 EXAR-CDK2307 Datasheet
908Kb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2307_2B CADEKA-CDK2307_2B Datasheet
1Mb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK2307 CADEKA-CDK2307 Datasheet
1Mb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Linear Technology
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
   12-Bit, 80Msps Low Power 3V ADC
logo
Cadeka Microcircuits LL...
CDK1308 CADEKA-CDK1308 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK1308 CADEKA-CDK1308_09 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com