Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1008IST5X Datasheet(PDF) 10 Page - Exar Corporation

Part # CLC1008IST5X
Description  0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1008IST5X Datasheet(HTML) 10 Page - Exar Corporation

Back Button CLC1008IST5X Datasheet HTML 6Page - Exar Corporation CLC1008IST5X Datasheet HTML 7Page - Exar Corporation CLC1008IST5X Datasheet HTML 8Page - Exar Corporation CLC1008IST5X Datasheet HTML 9Page - Exar Corporation CLC1008IST5X Datasheet HTML 10Page - Exar Corporation CLC1008IST5X Datasheet HTML 11Page - Exar Corporation CLC1008IST5X Datasheet HTML 12Page - Exar Corporation CLC1008IST5X Datasheet HTML 13Page - Exar Corporation CLC1008IST5X Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
©2009-2013 Exar Corporation
10/16
Rev 2C
Application Information
General Description
The CLC1008 family are a single supply, general purpose,
voltage-feedback amplifiers fabricated on a complementary
bipolar process. The CLC1008 offers 75MHz unity gain
bandwidth, 50V/μs slew rate, and only 505μA supply current.
It features a rail-to-rail output stage and is unity gain stable.
Figures 1, 2, and 3 illustrate typical circuit configurations for
non-inverting, inverting, and unity gain topologies for dual
supply applications. They show the recommended bypass
capacitor values and overall closed loop gain equations.
Figure 4 shows the typical non-inverting gain circuit for
single supply applicaitons.
The common mode input range extends to 300mV below
ground in single supply operation. Exceeding these values
will not cause phase reversal. However, if the input voltage
exceeds the rails by more than 0.5V, the input ESD devices
will begin to conduct.
The design uses a Darlington output stage. The output
stage is short circuit protected and offers “soft” saturation
protection that improves recovery time.
+
-
Rf
0.1μF
6.8μF
Output
G = 1 + (Rf/Rg)
Input
+Vs
-Vs
Rg
0.1μF
6.8μF
RL
Figure 1. Typical Non-Inverting Gain Circuit
+
-
Rf
0.1μF
6.8μF
Output
G = - (Rf/Rg)
For optimum input offset
voltage set R1 = Rf || Rg
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Rg
R1
Figure 2. Typical Inverting Gain Circuit
+
-
0.1uF
6.8uF
Output
G = 1
Input
+Vs
-Vs
0.1uF
6.8uF
RL
Figure 3. Unity Gain Circuit
+
-
Rf
0.1μF
6.8μF
Out
In
+Vs
+
Rg
Figure 4. Single Supply Non-Inverting Gain Circuit
For optimum response at a gain of +2, a feedback resistor
of 1kΩ is recommended. Figure 5 illustrates the CLC1008
frequency response with both 1kΩ and 2kΩ feedback
resistors.
Frequency (MHz)
0.1
1
10
100
G = 2
RL = 1kΩ
Rf = 1kΩ
Rf = 2kΩ
Figure 5. Frequency Response vs. Rf


Similar Part No. - CLC1008IST5X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1008IST5X CADEKA-CLC1008IST5X Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
More results

Similar Description - CLC1008IST5X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
   0.5mA, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
   0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com