Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1050 Datasheet(PDF) 10 Page - Exar Corporation

Part # CLC1050
Description  Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1050 Datasheet(HTML) 10 Page - Exar Corporation

Back Button CLC1050 Datasheet HTML 6Page - Exar Corporation CLC1050 Datasheet HTML 7Page - Exar Corporation CLC1050 Datasheet HTML 8Page - Exar Corporation CLC1050 Datasheet HTML 9Page - Exar Corporation CLC1050 Datasheet HTML 10Page - Exar Corporation CLC1050 Datasheet HTML 11Page - Exar Corporation CLC1050 Datasheet HTML 12Page - Exar Corporation CLC1050 Datasheet HTML 13Page - Exar Corporation CLC1050 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
©2009-2013 Exar Corporation
10/17
Rev 1D
Application Information
Basic Operation
Figures 1, 2, and 3 illustrate typical circuit configurations for
non-inverting, inverting, and unity gain topologies for dual
supply applications. They show the recommended bypass
capacitor values and overall closed loop gain equations.
+
-
Rf
0.1μF
6.8μF
Output
G = 1 + (Rf/Rg)
Input
+Vs
-Vs
Rg
0.1μF
6.8μF
RL
Figure 1. Typical Non-Inverting Gain Circuit
Figure 2. Typical Inverting Gain Circuit
+
-
0.1uF
6.8uF
Output
G = 1
Input
+Vs
-Vs
0.1uF
6.8uF
RL
Figure 3. Unity Gain Circuit
Power Dissipation
Power dissipation should not be a factor when operating
under the stated 2k ohm load condition. However, ap-
plications with low impedance, DC coupled loads should
be analyzed to ensure that maximum allowed junction
temperature is not exceeded. Guidelines listed below can
be used to verify that the particular application will not
cause the device to operate beyond it’s intended operat-
ing range.
Maximum power levels are set by the absolute maximum
junction rating of 150°C. To calculate the junction tem-
perature, the package thermal resistance value ThetaJA
JA) is used along with the total die power dissipation.
TJunction = TAmbient + (ӨJA × PD)
Where TAmbient is the temperature of the working environment.
In order to determine PD, the power dissipated in the load
needs to be subtracted from the total power delivered by
the supplies.
PD = Psupply - Pload
Supply power is calculated by the standard power equa-
tion.
Psupply = Vsupply × IRMS supply
Vsupply = VS+ - VS-
Power delivered to a purely resistive load is:
Pload = ((VLOAD)RMS2)/Rloadeff
The effective load resistor (Rloadeff) will need to include
the effect of the feedback network. For instance,
Rloadeff in figure 3 would be calculated as:
RL || (Rf + Rg)
These measurements are basic and are relatively easy to
perform with standard lab equipment. For design purposes
however, prior knowledge of actual signal levels and load
impedance is needed to determine the dissipated power.
Here, PD can be found from
PD = PQuiescent + PDynamic - PLoad
Quiescent power can be derived from the specified IS val-
ues along with known supply voltage, VSupply. Load power
can be calculated as above with the desired signal ampli-
tudes using:
+
-
Rf
0.1μF
6.8μF
Output
G = - (Rf/Rg)
For optimum input offset
voltage set R1 = Rf || Rg
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Rg
R1


Similar Part No. - CLC1050

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1050 CADEKA-CLC1050 Datasheet
2Mb / 17P
   Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
CLC1050IST5X CADEKA-CLC1050IST5X Datasheet
2Mb / 17P
   Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
More results

Similar Description - CLC1050

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
LM358 CADEKA-LM358 Datasheet
1Mb / 15P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
Rev 1A
CLC1050 CADEKA-CLC1050 Datasheet
2Mb / 17P
   Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Maxim Integrated Produc...
MAX44244 MAXIM-MAX44244 Datasheet
905Kb / 13P
   36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Rev 1; 6/13
logo
3PEAK INC.
LM393 3PEAK-LM393 Datasheet
1Mb / 13P
   36V Low Power Dual/Quad Differential Comparators
LM2903 3PEAK-LM2903 Datasheet
651Kb / 12P
   36V Low Power Dual/Quad Differential Comparators
logo
Texas Instruments
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com