Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2050ISO8X Datasheet(PDF) 8 Page - Exar Corporation

Part # CLC2050ISO8X
Description  Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2050ISO8X Datasheet(HTML) 8 Page - Exar Corporation

Back Button CLC2050ISO8X Datasheet HTML 4Page - Exar Corporation CLC2050ISO8X Datasheet HTML 5Page - Exar Corporation CLC2050ISO8X Datasheet HTML 6Page - Exar Corporation CLC2050ISO8X Datasheet HTML 7Page - Exar Corporation CLC2050ISO8X Datasheet HTML 8Page - Exar Corporation CLC2050ISO8X Datasheet HTML 9Page - Exar Corporation CLC2050ISO8X Datasheet HTML 10Page - Exar Corporation CLC2050ISO8X Datasheet HTML 11Page - Exar Corporation CLC2050ISO8X Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
©2009-2013 Exar Corporation
8/17
Rev 1D
Typical Performance Characteristics - Continued
TA = 25°C, +Vs = 30V, -Vs = GND, Rf = Rg =2kΩ, RL = 2kΩ, G = 2; unless otherwise noted.
Supply Current vs. Supply Voltage
Input Voltage Range vs. Power Supply
Small Signal Pulse Response at VS = 5V
Large Signal Pulse Response at VS = 5V
Small Signal Pulse Response
Large Signal Pulse Response
2.35
2.40
2.45
2.50
2.55
2.60
2.65
0
10
20
30
40
50
Time (us)
0.00
1.00
2.00
3.00
4.00
5.00
0
10
20
30
40
50
Time (us)
2.35
2.40
2.45
2.50
2.55
2.60
2.65
0
10
20
30
40
50
Time (us)
1.00
1.50
2.00
2.50
3.00
3.50
4.00
0
10
20
30
40
50
Time (us)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
CLC4050
CLC2050
CLC1050
VOUT = 0.2Vpp
0
5
10
15
0
5
10
15
Power Supply Voltage (+/-Vdc)
NEGATIVE
POSITIVE


Similar Part No. - CLC2050ISO8X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2050ISO8X CADEKA-CLC2050ISO8X Datasheet
2Mb / 17P
   Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
More results

Similar Description - CLC2050ISO8X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
LM358 CADEKA-LM358 Datasheet
1Mb / 15P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
Rev 1A
CLC1050 CADEKA-CLC1050 Datasheet
2Mb / 17P
   Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Maxim Integrated Produc...
MAX44244 MAXIM-MAX44244 Datasheet
905Kb / 13P
   36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Rev 1; 6/13
logo
3PEAK INC.
LM393 3PEAK-LM393 Datasheet
1Mb / 13P
   36V Low Power Dual/Quad Differential Comparators
LM2903 3PEAK-LM2903 Datasheet
651Kb / 12P
   36V Low Power Dual/Quad Differential Comparators
logo
Texas Instruments
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com