Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2023 Datasheet(PDF) 3 Page - Exar Corporation

Part # CLC2023
Description  Dual, Low Distortion, Low Offset, RRIO Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2023 Datasheet(HTML) 3 Page - Exar Corporation

  CLC2023 Datasheet HTML 1Page - Exar Corporation CLC2023 Datasheet HTML 2Page - Exar Corporation CLC2023 Datasheet HTML 3Page - Exar Corporation CLC2023 Datasheet HTML 4Page - Exar Corporation CLC2023 Datasheet HTML 5Page - Exar Corporation CLC2023 Datasheet HTML 6Page - Exar Corporation CLC2023 Datasheet HTML 7Page - Exar Corporation CLC2023 Datasheet HTML 8Page - Exar Corporation CLC2023 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2007-2014 Exar Corporation
3 / 18
exar.com/CLC2023
Rev 1D
CLC2023
Electrical Characteristics at +3V
TA = 25°C, VS = +3V, Rf = 1kΩ, RL = 1kΩ to VS/2; G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
GBWP
-3dB Gain Bandwidth Product
G = 10, VOUT = 0.05Vpp
31
MHz
UGBW
Unity Gain Bandwidth
VOUT = 0.05Vpp, Rf = 0
50
MHz
BWSS
-3dB Bandwidth
VOUT = 0.05Vpp
24
MHz
BWLS
Large Signal Bandwidth
VOUT = 2Vpp
3.3
MHz
Time Domain
tR, tF
Rise and Fall Time
VOUT = 2V step; (10% to 90%)
150
ns
tS
Settling Time to 0.1%
VOUT = 2V step
78
ns
OS
Overshoot
VOUT = 2V step
0.3
%
SR
Slew Rate
2V step
11
V/μs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
2Vpp, 10kHz, RL = 1kΩ
-98
dBc
2Vpp, 100kHz, RL = 100Ω
-85
dBc
HD3
3rd Harmonic Distortion
2Vpp, 10kHz, RL = 1kΩ
-95
dBc
2Vpp, 100kHz, RL = 100Ω
-81
dBc
THD
Total Harmonic Distortion
1Vpp, 1kHz, G = 1, RL = 2kΩ
0.0005
%
en
Input Voltage Noise
>10kHz
5.5
nV/√Hz
>100kHz
3.9
nV/√Hz
XTALK
Crosstalk
1MHz
70
dB
DC Performance
VIO
Input Offset Voltage
0.088
mV
dVIO
Average Drift
1.3
μV/°C
IB
Input Bias Current
-0.340
μA
dIB
Average Drift
0.8
nA/°C
IOS
Input Offset Current
0.2
μA
PSRR
Power Supply Rejection Ratio
DC
100
dB
AOL
Open Loop Gain
VOUT = VS / 2
104
dB
IS
Supply Current
per channel
1.85
mA
Input Characteristics
RIN
Input Resistance
Non-inverting, G = 1
30
CIN
Input Capacitance
1.1
pF
CMIR
Common Mode Input Range
-0.3 to 3.3
V
CMRR
Common Mode Rejection Ratio
DC, VCM = 0.5V to 2.5V
75
dB
Output Characteristics
VOUT
Output Swing
RL = 150Ω
0.085 to
2.80
V
RL = 1kΩ
0.04 to
2.91
V
IOUT
Output Current
+57, -47
mA
ISC
Short Circuit Current
VOUT = VS / 2
+65, -52
mA


Similar Part No. - CLC2023

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC200 NSC-CLC200 Datasheet
392Kb / 6P
   Fast Settling, Wideband Operational Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
   High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000 EXAR-CLC2000 Datasheet
1Mb / 18P
   High Output Current Dual and Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000ISO8 CADEKA-CLC2000ISO8 Datasheet
2Mb / 18P
   High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000ISO8 EXAR-CLC2000ISO8 Datasheet
1Mb / 18P
   High Output Current Dual and Quad Amplifiers
More results

Similar Description - CLC2023

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1003 EXAR-CLC1003 Datasheet
1Mb / 17P
   Low Distortion, Low Offset, RRIO Amplifier
logo
Cadeka Microcircuits LL...
CLC1003 CADEKA-CLC1003 Datasheet
1Mb / 16P
   Low Distortion, Low Offset, RRIO Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com