Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2023ISO8EVB Datasheet(PDF) 1 Page - Exar Corporation

Part # CLC2023ISO8EVB
Description  Dual, Low Distortion, Low Offset, RRIO Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2023ISO8EVB Datasheet(HTML) 1 Page - Exar Corporation

  CLC2023ISO8EVB Datasheet HTML 1Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 2Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 3Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 4Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 5Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 6Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 7Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 8Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CLC2023
Dual, Low Distortion, Low Offset, RRIO Amplifier
© 2007-2014 Exar Corporation
1 / 18
exar.com/CLC2023
Rev 1D
FEATURES
6mV maximum input offset voltage
0.00005% THD at 1kHz
5.3nV/√Hz input voltage noise > 10kHz
-90dB/-85dB HD2/HD3 at 100kHz, RL = 100Ω
<-100dB HD2 and HD3 at 10kHz, RL = 1kΩ
Rail-to-rail input and output
55MHz unity gain bandwidth
12V/μs slew rate
-40°C to +125°C operating temperature
range
Fully specified at 3 and ±5V supplies
CLC2023: ROHS compliant MSOP-8,
SOIC-8 package options
APPLICATIONS
Active filters
Sensor interface
HIgh-speed transducer amp
Medical instrumentation
Probe equipment
Test equipment
Smoke detectors
Hand-held analytic instruments
Current sense applications
General Description
The CLC2023 is a dual channel, high-performance, voltage feedback
amplifier with low input voltage noise and ultra low distortion. The CLC2023
offers 6mV maximum input offset voltage, 3.5nV/√Hz broadband input
voltage noise, and 0.00005% THD at 1kHz. It also provides 55MHz gain
bandwidth product and 12V/μs slew rate making them well suited for
applications requiring precision DC performance and high AC performance.
This high-performance amplifier also offers a rail-to-rail input and output,
simplifying single supply designs and offering larger dynamic range
possibilities. The input range extends beyond the rails by 300mV.
The CLC2023 is designed to operate from 2.5V to 12V supplies and
operate over the extended temperature range of -40°C to +125°.
Typical Application
+
-
Rg
0.1F
6.8F
Out
In
+2.7
+
Rf
RIN
ROUT
½
CLC2023
Crosstalk vs. Frequency
-100
-95
-90
-85
-80
-75
-70
-65
-60
0.01
0.1
1
Frequency (MHz)
Vs = +/- 5V, RL = 150Ω, VOUT = 2Vpp
Ordering Information - back page


Similar Part No. - CLC2023ISO8EVB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC200 NSC-CLC200 Datasheet
392Kb / 6P
   Fast Settling, Wideband Operational Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
   High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000 EXAR-CLC2000 Datasheet
1Mb / 18P
   High Output Current Dual and Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000ISO8 CADEKA-CLC2000ISO8 Datasheet
2Mb / 18P
   High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000ISO8 EXAR-CLC2000ISO8 Datasheet
1Mb / 18P
   High Output Current Dual and Quad Amplifiers
More results

Similar Description - CLC2023ISO8EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1003 EXAR-CLC1003 Datasheet
1Mb / 17P
   Low Distortion, Low Offset, RRIO Amplifier
logo
Cadeka Microcircuits LL...
CLC1003 CADEKA-CLC1003 Datasheet
1Mb / 16P
   Low Distortion, Low Offset, RRIO Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com