Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2023ISO8EVB Datasheet(PDF) 11 Page - Exar Corporation

Part # CLC2023ISO8EVB
Description  Dual, Low Distortion, Low Offset, RRIO Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2023ISO8EVB Datasheet(HTML) 11 Page - Exar Corporation

Back Button CLC2023ISO8EVB Datasheet HTML 7Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 8Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 9Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 10Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 11Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 12Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 13Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 14Page - Exar Corporation CLC2023ISO8EVB Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2007-2014 Exar Corporation
11 / 18
exar.com/CLC2023
Rev 1D
CLC2023
Typical Performance Characteristics
TA = 25°C, VS = ±5V, Rf = 1kΩ, RL = 1kΩ, G = 2; unless otherwise noted.
Large Signal Pulse Response
Large Signal Pulse Response at VS = 3V
Small Signal Pulse Response
Small Signal Pulse Response at VS = 3V
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
0
0.5
1
1.5
2
Time (ns)
1.35
1.4
1.45
1.5
1.55
1.6
1.65
0
0.5
1
1.5
2
Time (ns)
-6
-4
-2
0
2
4
6
0
1
2
3
4
5
6
7
8
9
10
Time (ns)
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
Time (ns)


Similar Part No. - CLC2023ISO8EVB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC200 NSC-CLC200 Datasheet
392Kb / 6P
   Fast Settling, Wideband Operational Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
   High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000 EXAR-CLC2000 Datasheet
1Mb / 18P
   High Output Current Dual and Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000ISO8 CADEKA-CLC2000ISO8 Datasheet
2Mb / 18P
   High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000ISO8 EXAR-CLC2000ISO8 Datasheet
1Mb / 18P
   High Output Current Dual and Quad Amplifiers
More results

Similar Description - CLC2023ISO8EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1003 EXAR-CLC1003 Datasheet
1Mb / 17P
   Low Distortion, Low Offset, RRIO Amplifier
logo
Cadeka Microcircuits LL...
CLC1003 CADEKA-CLC1003 Datasheet
1Mb / 16P
   Low Distortion, Low Offset, RRIO Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com