Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E7530A Datasheet(PDF) 3 Page - Keysight Technologies

Part # E7530A
Description  UXM Wireless Test Set
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E7530A Datasheet(HTML) 3 Page - Keysight Technologies

  E7530A Datasheet HTML 1Page - Keysight Technologies E7530A Datasheet HTML 2Page - Keysight Technologies E7530A Datasheet HTML 3Page - Keysight Technologies E7530A Datasheet HTML 4Page - Keysight Technologies E7530A Datasheet HTML 5Page - Keysight Technologies E7530A Datasheet HTML 6Page - Keysight Technologies E7530A Datasheet HTML 7Page - Keysight Technologies E7530A Datasheet HTML 8Page - Keysight Technologies E7530A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
03 | Keysight | E7515A UXM Wireless Test Set - Data Sheet
Vector Signal Analyzer Performance
Frequency and time specification
Operating frequency range
E7515A-504
E7515A-506
300 MHz to 3.8 GHz
300 MHz to 6.0 GHz
Frequency setting resolution
100 kHz
Frequency accuracy
See Timebase specifications
VSWR all RF inputs
300 MHz to 2.0 GHz
>2.0 to 5.0 GHz
>5.0 to 6.0 GHz
1.4 nominal
1.5 nominal
1.8 nominal
Amplitude and range specifications
CW level accuracy
–60 to +30 dBm for Rx1, Rx2;
–53 to +30 dBm for TxRx1, TxRx2
300 MHz to 3.5 GHz
>3.5 to 6.0 GHz
±0.45 dB typical
±0.45 dB typical
–53 to +3.5 dBm
300 MHz to 3.5 GHz
>3.5 to 6 GHz
±1.0 dB
±1.1 dB
Level flatness
±0.3 dB typical over 100 MHz bandwidth
Noise floor
For combined Tx and Rx
For separate Tx and Rx
<140 dBm/Hz nominal
<150 dBm/Hz nominal
Maximum CW input level at connectors
TxRx1 and TxRx2
+33 dBm


Similar Part No. - E7530A

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E7536 HAMAMATSU-E7536 Datasheet
67Kb / 2P
   HIGH PRECISION LAMP HOUSING
More results

Similar Description - E7530A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E7521A KEYSIGHT-E7521A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7523A KEYSIGHT-E7523A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7623A KEYSIGHT-E7623A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7529A KEYSIGHT-E7529A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7630A KEYSIGHT-E7630A Datasheet
1Mb / 10P
   UXM Wireless Test Set
logo
Agilent(Hewlett-Packard...
E6833A HP-E6833A Datasheet
203Kb / 6P
   Wireless Communications Test Set
logo
Keysight Technologies
V9064B KEYSIGHT-V9064B Datasheet
3Mb / 23P
   EXM Wireless Test Set
logo
Agilent(Hewlett-Packard...
E6890A HP-E6890A Datasheet
201Kb / 6P
   Wireless Communications Test Set
logo
PHOENIX CONTACT
2884363 PHOENIX-2884363 Datasheet
47Kb / 1P
   Wireless set - WIRELESS MUX DEMO SET
11/05/2018
logo
Keysight Technologies
V9065B KEYSIGHT-V9065B Datasheet
3Mb / 29P
   Measurement Applications For the E6640A EXM Wireless Test Set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com