Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3222EUEY-L Datasheet(PDF) 5 Page - Exar Corporation

Part # SP3222EUEY-L
Description  3.3V, 1000 kbps RS-232 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3222EUEY-L Datasheet(HTML) 5 Page - Exar Corporation

  SP3222EUEY-L Datasheet HTML 1Page - Exar Corporation SP3222EUEY-L Datasheet HTML 2Page - Exar Corporation SP3222EUEY-L Datasheet HTML 3Page - Exar Corporation SP3222EUEY-L Datasheet HTML 4Page - Exar Corporation SP3222EUEY-L Datasheet HTML 5Page - Exar Corporation SP3222EUEY-L Datasheet HTML 6Page - Exar Corporation SP3222EUEY-L Datasheet HTML 7Page - Exar Corporation SP3222EUEY-L Datasheet HTML 8Page - Exar Corporation SP3222EUEY-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3222EU/SP3232EU_102_031413
5
Table 1. Device Pin Description
NAME
FUNCTION
PIN NUMBER
SP3222EU
SP3232EU
SOIC
SSOP
TSSOP
EN
Receiver Enable. Apply Logic LOW for normal operation.
Apply logic HIGH to disable the receiver outputs (high-Z state)
1
1
-
C1+
Positive terminal of the voltage doubler charge-pump capacitor
2
2
1
V+
+5.5V output generated by the charge pump
3
3
2
C1-
Negative terminal of the voltage doubler charge-pump capacitor
4
4
3
C2+
Positive terminal of the inverting charge-pump capacitor
5
5
4
C2-
Negative terminal of the inverting charge-pump capacitor
6
6
5
V-
-5.5V output generated by the charge pump
7
7
6
T
1OUT
RS-232 driver output.
15
17
14
T
2OUT
RS-232 driver output.
8
8
7
R
1IN
RS-232 receiver input
14
16
13
R
2IN
RS-232 receiver input
9
9
8
R
1OUT
TTL/CMOS receiver output
13
15
12
R
2OUT
TTL/CMOS receiver output
10
10
9
T
1IN
TTL/CMOS driver input
12
13
11
T
2IN
TTL/CMOS driver input
11
12
10
GND
Ground
16
18
15
V
CC
+3.0V to +5.5V supply voltage
17
19
16
SHDN
Shutdown Control Input. Drive HIGH for normal device operation.
Drive LOW to shutdown the drivers (high-Z output) and the on-
board power supply
18
20
-
N.C.
No Connect
-
11, 14
-
PIN FUNCTION


Similar Part No. - SP3222EUEY-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3222EUEY-L-TR EXAR-SP3222EUEY-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3222EUEY-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EU SIPEX-SP3222EU Datasheet
139Kb / 20P
   3.3V, 1000 Kbps RS-232 Transceivers
SP3222EU SIPEX-SP3222EU_06 Datasheet
285Kb / 20P
   3.3V, 1000 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH Datasheet
138Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH_06 Datasheet
179Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH Datasheet
174Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222H SIPEX-SP3222H Datasheet
147Kb / 17P
   3.3V, 460 Kbps RS-232 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com