Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM-42X Datasheet(PDF) 5 Page - Copal Electronics

Part # SM-42X
Description  SURFACE MOUNT CERMET TRIMMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SM-42X Datasheet(HTML) 5 Page - Copal Electronics

  SM-42X Datasheet HTML 1Page - Copal Electronics SM-42X Datasheet HTML 2Page - Copal Electronics SM-42X Datasheet HTML 3Page - Copal Electronics SM-42X Datasheet HTML 4Page - Copal Electronics SM-42X Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGING SPECIFICATIONS
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the dia-
grams below.
<Taping packaging specifications>
Taping version (SM-42/43TA, TB) is packaged in 500
pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500 pcs., etc.
SM-42/43TW, TX is packaged in 250 pcs. per reel.
Orders will be accepted for units of 250 pcs., i.e., 500,
750 pcs., etc.
EMBOSSED TAPE DIMENSIONS
REEL DIMENSIONS
(Conforms to JIS C 0806-3)
(TA/TB type : In accordance with EIAJ ET-7200A)
(Unit: mm)
Empty
Filled
Empty
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
Head
End
180
180
(TA/TB)
15.4
±1 (TA/TB)
19.5
±1 (TW/TX)
21
±0.8
13
±0.2
2
±0.5
17
±0.3 (TW, TX)
13
(TA/TB)
+1
0
0
–1.5
(TW, TX)
0
–3
SM-42/43TW/TX
SM-42/43TA/TB
4 0.1
0.5 0.1
5.75
Cross section A-A
Installation
example
(SM-42W)
2 0.1
3
1
2
12 0.1
A
A
4 0.1
2 0.1
8 0.1
0.4 0.1
4.5
3
1
2
A
A
(SM-42A)
Cross section A-A
Installation
example
<Bulk pack specifications>
Unit of bulk in a plastic bag is 50 pcs. per pack.
Boxing of bulk in a plastic bag is performed with 200
pcs. per box.
SM-42/43
SURFACE MOUNT TRIMMERS


Similar Part No. - SM-42X

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SM-42X COPAL-SM-42X Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
More results

Similar Description - SM-42X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM-31TW501 ETC2-SM-31TW501 Datasheet
351Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-3TW103 COPAL-SM-3TW103 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TA103 COPAL-SM-42TA103 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
List of Unclassifed Man...
SM-42 ETC2-SM-42 Datasheet
1Mb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TX102 ETC2-SM-42TX102 Datasheet
1Mb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-3 COPAL-SM-3 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TA503 COPAL-SM-42TA503 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
List of Unclassifed Man...
SM-42TW100 ETC2-SM-42TW100 Datasheet
141Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-42TA104 COPAL-SM-42TA104 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-43TW103 COPAL-SM-43TW103 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com