Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP103A-Z Datasheet(PDF) 4 Page - Copal Electronics

Part # SP103A-Z
Description  Miniature Pushbutton Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SP103A-Z Datasheet(HTML) 4 Page - Copal Electronics

  SP103A-Z Datasheet HTML 1Page - Copal Electronics SP103A-Z Datasheet HTML 2Page - Copal Electronics SP103A-Z Datasheet HTML 3Page - Copal Electronics SP103A-Z Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPP
・S2P
Standard Accessories Combination
(Q ty/switch)
Part No.
Accessories
①②③④⑤⑥
SP110
11
11
SP210
111
1
SPP203
1111
SPP210
1111
S2P210
111
2
;OLÄN\YLZPU[OL[HISLZOV^[OLX\HU[P[PLZVMHJJLZZVYPLZLUJSVZLK^P[O
the switch.
⑥Color Buttons for SP, SPP, S2P
(  TT KPH )SHJR *VSVY )\[[VU PZ Z\WWSPLK ^P[O [OL Z^P[JO 0M H *VSVY )\[[VU PU H KP LYLU[ ZPaL VY JVSVY PZ
required, please select from the below table.
⑤Button for SPP
Dimensions
Color
Part No.
Dimensions
Color
Part No.
Dimensions
Color
Part No.
White
Red
Black
140008050162
140008050155
140008050153
White
Red
Black
Gray
140008050158
140008050164
140008050163
140008050165
Black
140008050156
Red
140008050157
Hex Nut
①140008010235
Knurled Nut
②140008010236
Hex Nut
③140008010221
Lockwasher
④140008030055
Nickel plated
Tin-cobalt plated
Zinc plated
■Standard Accessories
                        《Supplied with switch》
■7HJRHNPUN :WLJPÄJH[PVUZ
■Eight Switch Series
Poles
Switching function
(※2.)
(※3.)
8N
8P
8Y
8N
8P
8Y
1 pole
1011
−Z
ON
− ON
○○○○○○
1012
−Z
○○
○○
1021
−Z
ON
(ON)
○○○○○○
1022
−Z
○○
○○
2 poles
2011
−Z
ON
− ON
○○○○○○
2012
−Z
○○
○○
2021
−Z
ON
(ON)
○○○○○○
2022
−Z
○○
○○
3 poles
3011
−Z
ON
− ON
○○○○○○
3021
−Z
ON
(ON) ○○○○○○
4 poles
4011
−Z
ON
− ON
○○○○○○
4021
−Z
ON
(ON) ○○○○○○
If UL or CSA marking is required, please specify when
ordering.
■SP Series
Poles
Switching function
(※2.)
(※3.)
1 pole
SP103AB
−Z
ON
− OFF
2 poles
SPP203K
−Z
ON
− OFF
○○
SPP203KA
−Z OFF − ON
○○
SP210N
−Z
ON
− ON
○○
SPP203N
−Z
○○
(※2.)UL File No.E43275
(※3.)CSA File No.LR38341
Plastic Bag
1 pcs/pack
■:VSKLYPUN:WLJPÄJH[PVUZ
 (SP・SPP・S2P)
⑴ Manual Soldering
Device:Soldering iron
⑵ 420℃, Max.; 3 seconds, Max.
UL and CSA listed
UL-Recognized, CSA certified Products
(Pushbutton type Only)


Similar Part No. - SP103A-Z

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SP1030L GXELECTRONICS-SP1030L Datasheet
572Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SP103A-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
   Miniature pushbutton switches
301SZBEJ6168 ETC2-301SZBEJ6168 Datasheet
8Mb / 5P
   Miniature pushbutton switches
MPS103F ETC2-MPS103F Datasheet
98Kb / 2P
   Miniature Pushbutton Switches
logo
E-SWITCH
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
   Ultra-Miniature Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
   Ultra-Miniature Pushbutton Switches
logo
E-SWITCH
800A E-SWITCH-800A_1 Datasheet
390Kb / 3P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Copal Electronics
TP_SERIES COPAL-TP_SERIES Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
logo
E-SWITCH
TL2201 E-SWITCH-TL2201 Datasheet
376Kb / 3P
   PUSHBUTTON SWITCHES - SUB MINIATURE
800 E-SWITCH-800 Datasheet
725Kb / 5P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com