Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMFT51A-EVM Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # UMFT51A-EVM
Description  Heart-Rate Monitor with filtered and amplified analogue output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UMFT51A-EVM Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button UMFT51A-EVM Datasheet HTML 4Page - Future Technology Devices International Ltd. UMFT51A-EVM Datasheet HTML 5Page - Future Technology Devices International Ltd. UMFT51A-EVM Datasheet HTML 6Page - Future Technology Devices International Ltd. UMFT51A-EVM Datasheet HTML 7Page - Future Technology Devices International Ltd. UMFT51A-EVM Datasheet HTML 8Page - Future Technology Devices International Ltd. UMFT51A-EVM Datasheet HTML 9Page - Future Technology Devices International Ltd. UMFT51A-EVM Datasheet HTML 10Page - Future Technology Devices International Ltd. UMFT51A-EVM Datasheet HTML 11Page - Future Technology Devices International Ltd. UMFT51A-EVM Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Copyright © 2015 Future Technology Devices International Limited
8
FT51A-EVM Development Module Datasheet
Version 1.0
Doc ument Reference N o.: FT _001140 C learance N o.: FT DI# 4 7 8
Pin No.
Name
Type
Description
CN6-18
DIO6
Signal Output
Can be used as SPI CS# to temperature sensor,
can be over written by jumper JP2.
CN6-19
SW3
Signal Input
(AIO7) Active low when SW3 pressed.
CN6-20
SW2
Signal Input
(DIO7) Active low when SW2 pressed.
CN6-21
SW4
Signal Input
(AIO8) Active low when SW4 pressed.
CN6-22
LCD_RST#
Signal Output
(DIO8) Controls the reset feature of the LCD
module
CN6-23
AIO9
I/O Signals
Unused analog IO pin
CN6-24
DIO9
Signal I/O
Unused digital IO.
CN6-25
AIO10
I/O Signals
JP3 1-2 short: Unused analog IO pin
JP3 2-3 short: No connection
CN6-26
UART RTS#
Output signal
(DIO10) UART Ready To Send signal. Active low.
CN6-27
HB_LED
Signal Output
(AIO11) Used to drive the on board heartbeat
indicator LED
CN6-28
UART RX
Signal Input
(DIO11) UART data receive signal
CN6-29
LCD_PWM (R )
Signal Output
(AIO12) control the LCD backlight red signal
CN6-30
UART CTS#
Signal Input
(DIO12) UART clear to send signal input. Active
low.
CN6-31
LCD_PWM (G)
Signal Output
(AIO13) control the LCD backlight green signal
CN6-32
I2C_SCL
Signal Output
(DIO13) I2C clock output. Used to communicate
with the LCD display
CN6-33
LCD_PWM (B)
Signal Output
(AIO14) control the LCD backlight blue signal
CN6-34
I2C_SDA
Signal IO
(DIO14) Bidirectional I2C data line. Used to
communicate with the LCD display
CN6-35
VBUS_PWR
Signal Input
(AIO15) Indicates if power is present on USB bus
CN6-36
UART TX
Signal
(DIO15) UART TX signal output. Active low.
CN6-37, CN6-38
GND
Ground
0V Ground
CN6-39, CN6-40
NC
-
No connection
Table 4.6 – Module IO Pin Out Description
Note: The term “Únused” means the IO pin is not used by the on-board electronics. These IOs are free to
be used by user’s add-on circuit.


Similar Part No. - UMFT51A-EVM

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
UMFT51AA FTDI-UMFT51AA Datasheet
867Kb / 16P
   UMFT51AA is an FT51A DIP module that is compatible with an 8051 microcontroller
logo
List of Unclassifed Man...
UMFT51AA-01 ETC2-UMFT51AA-01 Datasheet
875Kb / 17P
   UMFT51AA 8051 Compatible Module
logo
Future Technology Devic...
UMFT51AA-01 FTDI-UMFT51AA-01 Datasheet
867Kb / 16P
   UMFT51AA is an FT51A DIP module that is compatible with an 8051 microcontroller
More results

Similar Description - UMFT51A-EVM

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LNDSP16-3A LINEAR_DIMENSIONS-LNDSP16-3A Datasheet
151Kb / 1P
   Portable Three Terminal Heart Rate Monitor
logo
Rohm
BH1790GLC-EVK-001 ROHM-BH1790GLC-EVK-001 Datasheet
190Kb / 5P
   Optical Sensor for Heart Rate Monitor
BH1792GLC-EVK-001 ROHM-BH1792GLC-EVK-001 Datasheet
802Kb / 4P
   Optical Sensor for Heart Rate Monitor
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
   Optical Sensor for Heart Rate Monitor IC
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
   Optical Sensor for Heart Rate Monitor IC
logo
Analog Devices
AD8232ACPZ AD-AD8232ACPZ Datasheet
652Kb / 28P
   Single-Lead, Heart Rate Monitor Front End
REV. A
AD8232 AD-AD8232 Datasheet
652Kb / 28P
   Single-Lead, Heart Rate Monitor Front End
REV. A
logo
Pixart Imaging Inc.
PAH8011ES PIXART-PAH8011ES Datasheet
1Mb / 25P
   Low Power Heart Rate Monitor Optical Chip
logo
Analog Devices
AD8232 AD-AD8232_17 Datasheet
755Kb / 29P
   Single-Lead, Heart Rate Monitor Front End
logo
Pixart Imaging Inc.
PAH8011ET PIXART-PAH8011ET Datasheet
1Mb / 23P
   Low Power Optical Heart Rate Monitor Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com