Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NERO-SP1 Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # NERO-SP1
Description  16MHz ATmega328 32-pin TQFP package microcontroller.
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

NERO-SP1 Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  NERO-SP1 Datasheet HTML 1Page - Future Technology Devices International Ltd. NERO-SP1 Datasheet HTML 2Page - Future Technology Devices International Ltd. NERO-SP1 Datasheet HTML 3Page - Future Technology Devices International Ltd. NERO-SP1 Datasheet HTML 4Page - Future Technology Devices International Ltd. NERO-SP1 Datasheet HTML 5Page - Future Technology Devices International Ltd. NERO-SP1 Datasheet HTML 6Page - Future Technology Devices International Ltd. NERO-SP1 Datasheet HTML 7Page - Future Technology Devices International Ltd. NERO-SP1 Datasheet HTML 8Page - Future Technology Devices International Ltd. NERO-SP1 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
N either the whole nor any part of the information contained in, or the product described in this manual, may be adapted or
reproduced in any material or elec tronic form without the prior written c onsent of the c opyright holder. T his product and its
doc umentation are s upplied on an as-is basis and no warranty as to their s uitability for any partic ular purpos e is either made or
implied. Future T ec hnology Devic es I nternational Ltd will not accept any claim for damages hows oever arising as a res ult of u se or
failure of this produc t. Y our statutory rights are not affected. T his produc t or any variant of it is not intended for us e in any
medical appliance, device or s ystem in whic h the failure of the produc t might reasonably be expected to res ult in pers onal in jury.
T his doc ument provides preliminary information that may be s ubject to c hange without notice. N o freedom to use patents or other
intellec tual property rights is implied by the publication of this doc ument. Future Tec hnology Devices I nternational Ltd, U ni t 1 , 2
Seaward P lac e, C enturion Business P ark, Glasgow G4 1 1HH U nited Kingdom. Sc otland Registered C ompany N umber: SC 136640
Copyright © 2016 Future Technology Devices International Limited
1
NerO Module Datasheet
Version 1.0
Doc ument Reference N o.: FT _001285
C learance N o.: FT DI#4 85
Future Technology
Devices International
Limited
Datasheet
NerO Module
1 Introduction
The Nero is
a reference design for an energy
efficient Arduino UNO compatible board based on
the ATMEGA328 with the FTDI FT231X USB-
UART, capable of operating at 5V with a full 1A
while remaining cool to the touch
There are 3 type of modules for selection:
NerO-LP1, with 2.54mm pitch female header
with long shield pins
NerO-SP1, with 2.54mm pitch female header
with short shield pins
NerO-NP1, with spare shield pins but not
mounted.
(provide
long
shield
pins
externally.)
1.1
Features
 16MHz ATmega328 32-pin TQFP package
microcontroller.
UNO R3 form factor
14 Digital I/O Pins (6 PWM outputs)
6 Analog Inputs
FTDI FT231XS USB UART interface
 A Micro-B USB connects to PC connect or
provides power supply over USB for board.
VIN Input voltage - 7V to 20V ( 9V or 12V
recommended )
 Hardware Reset button provided.
5V Switching regulator with 1A output current
CE and FCC certified
 Optiboot bootloader preloaded
 Arduino Software (IDE) and UNO library
compatible,
 Arduino shield compatible
 FTDI Shield available soon


Similar Part No. - NERO-SP1

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
NERM NOVA-NERM Datasheet
7Mb / 4P
   True-on-Line UPS System 6-400 KVA
More results

Similar Description - NERO-SP1

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
48TQFP SMSC-48TQFP Datasheet
377Kb / 1P
   48 PIN TQFP/TQN PACKAGE OUTLINE
logo
MUSIC Semiconductors
MU9C1480L MUSIC-MU9C1480L Datasheet
56Kb / 2P
   TQFP Package Option
logo
Dallas Semiconductor
21-0110 DALLAS-21-0110 Datasheet
55Kb / 2P
   PACKAGE OUTLINE, 32L TQFP, 5x5x1.0mm
logo
List of Unclassifed Man...
SPMC802B ETC-SPMC802B Datasheet
1Mb / 27P
   32-pin General Purpose Microcontroller (OTP)
R2A15112 ETC1-R2A15112 Datasheet
194Kb / 1P
   R2A15112 / R2A15112FP / TQFP 8 Pin / Renesas
logo
Maxim Integrated Produc...
21-0146A MAXIM-21-0146A Datasheet
40Kb / 1P
   PACKAGE OUTLINE 52L TQFP, 10x10x1.0 MM
Rev A
logo
Xmos Ltd.
XU316-1024-TQ128 XMOS-XU316-1024-TQ128 Datasheet
3Mb / 99P
   XCore xcore.ai Microcontroller IC 32-Bit 16-Core 2400MIPs 8KB (8K x 8) OTP 128-TQFP (14x14)
2022/09/28
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV Datasheet
108Kb / 12P
   144-pin TQFP (117 user I/O pins)
logo
List of Unclassifed Man...
PA16C64-QD-03 ETC2-PA16C64-QD-03 Datasheet
39Kb / 1P
   44 pin PQFP or TQFP socket/40 pin DIP 0.6" plug
PA17C42-QD-03 ETC2-PA17C42-QD-03 Datasheet
30Kb / 1P
   44 pin PQFP or TQFP socket/40 pin DIP 0.6" plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com