Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89830U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89830U
Description  2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89830U Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89830U Datasheet HTML 2Page - Micrel Semiconductor SY89830U Datasheet HTML 3Page - Micrel Semiconductor SY89830U Datasheet HTML 4Page - Micrel Semiconductor SY89830U Datasheet HTML 5Page - Micrel Semiconductor SY89830U Datasheet HTML 6Page - Micrel Semiconductor SY89830U Datasheet HTML 7Page - Micrel Semiconductor SY89830U Datasheet HTML 8Page - Micrel Semiconductor SY89830U Datasheet HTML 9Page - Micrel Semiconductor SY89830U Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Precision Edge™
SY89830U
Micrel
M9999-111794
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
f
MAX
(1)
Maximum Frequency
2.5
——
2.5
——
2.5
——
GHz
t
PD
Propagation Delay to Output
LVPECL/LVECL
Diff. IN (150mV)
————
375
———
ps
Diff. IN (800mV)
300
350
450
300
350
450
300
350
450
ps
Single-Ended IN
————
375
———
ps
PECL/ECL
Diff. IN (150mV)
————
375
———
ps
Diff. IN (800mV)
275
350
425
275
350
425
275
350
425
ps
Single-Ended IN
————
355
———
ps
HSTL
325
500
300
450
300
450
ps
t
SKEW
(2)
Within-Device Skew (Diff.)
15
25
15
25
15
25
ps
Part-to-Part Skew (Diff.)
100
150
100
150
100
150
ps
t
SW
Select to Valid Output
——
450
400
450
——
450
ps
Switchover Time
t
S
(3)
Set-Up Time
/EN to CLK
100
0
100
0
100
0
ps
t
H
(3)
Hold Time
/EN to CLK
200
50
200
50
200
50
ps
t
JITTER
Cycle-to-Cycle(4)
0.2
1
0.2
1
0.2
1
ps
(rms)
Total Jitter (622MHz clock)(5)
<15
——
<15
——
<15
ps
(pp)
V
ID
Input Voltage Swing
150
800
1200
150
800
1200
150
800
1200
mV
t
r, tf
Output Rise/Fall Times
75
225
75
130
225
85
225
ps
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS
LVPECL: V
CC = 2.375V to 3.63V, VEE = 0V; PECL: VCC = 4.50V to 5.50V, VEE = 0V
LVECL: V
CC = 0V, VEE = –2.375V to –3.63V; ECL: VCC = 0V, VEE = –4.50V to –5.5V
Notes:
1. f
MAX is defined as the maximum toggle frequency. Measured with 750mV input signal, 50% duty cycle, output swing ≥ 400mV (diff), all loading with 50Ω
to V
CC–2V.
2. Skew is measured between outputs under identical transitions.
3. Set-up and hold times apply to synchronous applications that intend to enable/disable before the next cycle. For asynchronous applications, set-up and
hold time does not apply.
4. Cycle-to-cycle jitter definition: The variation in period between adjacent cycles over a random sample of adjacent cycle pairs. TJITTER_CC =Tn–Tn+1 where
T is the time between rising edges of the output signal.
5. Total jitter definition: with an ideal clock input applied to one channel of the MUX, no more than one output edge in 1012 output edges will deviate by more
than the specified peak-to-peak jitter value.
PRODUCT ORDERING CODE
Ordering
Package
Operating
Marking
Code
Type
Range
Code
SY89830UK4I
K4-16-1
Industrial
89830U
SY89830UK4ITR*
K4-16-1
Industrial
89830U
*Tape and Reel


Similar Part No. - SY89830U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89830U MICREL-SY89830U Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89830U MICREL-SY89830U Datasheet
128Kb / 10P
   2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY89830UK4G MICREL-SY89830UK4G Datasheet
128Kb / 10P
   2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY89830UK4GTR MICREL-SY89830UK4GTR Datasheet
128Kb / 10P
   2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY89830UK4I MICREL-SY89830UK4I Datasheet
128Kb / 10P
   2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
More results

Similar Description - SY89830U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89830U MICREL-SY89830U_05 Datasheet
128Kb / 10P
   2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP15V MICREL-SY100EP15V Datasheet
104Kb / 8P
   3.3V / 5V 2.5GHz PECL/ECL 1:4 FANOUT BUFFER WITH 2:1 INPUT MUX
SY100EP14U MICREL-SY100EP14U Datasheet
71Kb / 9P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14U MICREL-SY100EP14U_10 Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
logo
Arizona Microtek, Inc
AZ100LVE210 AZM-AZ100LVE210 Datasheet
71Kb / 5P
   ECL/PECL 1:4, 1:5 Differential Clock Driver
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
logo
Motorola, Inc
MC100ES6130 MOTOROLA-MC100ES6130 Datasheet
280Kb / 8P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
logo
Renesas Technology Corp
MC100ES6130 RENESAS-MC100ES6130 Datasheet
597Kb / 10P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com