Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF4400 Datasheet(PDF) 10 Page - Texas Instruments

Part # TRF4400
Description  SINGLE-CHIP 433-MHz RF TRANSMITTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF4400 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRF4400 Datasheet HTML 6Page - Texas Instruments TRF4400 Datasheet HTML 7Page - Texas Instruments TRF4400 Datasheet HTML 8Page - Texas Instruments TRF4400 Datasheet HTML 9Page - Texas Instruments TRF4400 Datasheet HTML 10Page - Texas Instruments TRF4400 Datasheet HTML 11Page - Texas Instruments TRF4400 Datasheet HTML 12Page - Texas Instruments TRF4400 Datasheet HTML 13Page - Texas Instruments TRF4400 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TRF4400
SINGLE-CHIP 433-MHz RF TRANSMITTER
SLWS113C –NOVEMBER 2000 – REVISED SEPTEMBER 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TRF4400 direct digital synthesizer implementation (continued)
Note that the frequencies
ƒout1 and ƒout2 are centered about the frequency ƒcenter = (ƒout1 + ƒout2)/2. When
transmitting FSK,
ƒcenter is considered to be the effective carrier frequency and any receiver local oscillator (LO)
should be set to the same
ƒcenter frequency ± the receiver’s IF frequency (ƒIF) for proper reception and
demodulation.
For the case of low-side injection, the receiver LO would be set to
ƒLO = ƒcenter – ƒIF. Conversely, for high-side
injection, the receiver LO would be set to
ƒLO = ƒcenter + ƒIF.
Since the DDS registers are static, preprogrammed values are retained during standby mode. This feature
greatly reduces turnon time, reduces current consumption when coming out of standby mode, and enables very
fast lock-times. The PLL lock-times ultimately determine when data can be transmitted or received.
phase-locked loop
The phase-locked loop (PLL) of the TRF4400 consists of a phase detector (PD) and a frequency acquisiton aid
(FD) (including two charge pumps), an external loop filter, voltage-controlled oscillator (VCO), and a
programmable fixed prescaler (N-divider) in the feedback loop (see Figure 7).
The PLL as implemented in the TRF4400 multiplies the DDS output frequency and further suppresses the
unwanted spurious signals produced by the direct digital synthesizer.
External
Loop Filter
VCO
N-Divider
256 / 512
ƒDDS
IPD_1
IPD_2
ƒout
PD
FD
4, 5
1
24
DDS
ƒref
Figure 7. Basic PLL Structure
VCO
A modified Colpitts oscillator architecture with an external resonant circuit is used for the TRF4400. The internal
bias current network adjusts the signal amplitude of the VCO. This allows a wide range of Q-factors (30
…60)
for the external tank circuit.
The VCO can be bypassed by applying an external RF signal at VCO_TANK2, terminal 5. To drive the internal
PLL and power amplifier, a typical level of –10 dBm should be applied. When an external VCO is used, the
x_VCO bit should be set to 0.
phase detector and charge pumps
The TRF4400 contains two charge pumps for locking to the desired frequency: one for coarse tuning of the
frequency differences (called the frequency acquisition aid), and one for fine tuning of the phase differences
(used in conjunction with the phase detector).
The XOR phase detector and charge pumps produce a mean output current that is proportional to the phase
difference between the reference frequency and the VCO frequency divided by N; N = 256 or 512. The TRF4400
generates the current pulses IPD_1 during normal operation (PLL locked).
An additional slip detector and acquisition aid charge pump generates current pulses at terminal PD_OUT2
during the lock-in of the PLL. This charge pump is turned off when the PLL locks in order to reduce current
consumption. The multiplication factor of the acquisition aid current IPD_2 can be programmed by three bits
(APLL) in the C-word.


Similar Part No. - TRF4400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4400 TI-TRF4400 Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
TRF4400PW TI-TRF4400PW Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
TRF4400PWG4 TI-TRF4400PWG4 Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
More results

Similar Description - TRF4400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4400PW TI-TRF4400PW Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
logo
List of Unclassifed Man...
NRF403 ETC-NRF403 Datasheet
260Kb / 15P
   315/433 MHz Single Chip RF Transceiver
logo
ams AG
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
   ISM 433 MHz ASK Transmitter
logo
Infineon Technologies A...
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
   ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
   ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
TDK5100 INFINEON-TDK5100 Datasheet
629Kb / 40P
   ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002
logo
Texas Instruments
TRF4900 TI-TRF4900 Datasheet
309Kb / 23P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF5901 TI1-TRF5901_08 Datasheet
646Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4900 TI1-TRF4900_08 Datasheet
504Kb / 25P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
logo
ams AG
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
   ISM 433/315 MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com