Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD103BCBZRL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADPD103BCBZRL7
Description  TEMPERATURE AND POWER SPECIFICATIONS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCBZRL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPD103BCBZRL7 Datasheet HTML 4Page - Analog Devices ADPD103BCBZRL7 Datasheet HTML 5Page - Analog Devices ADPD103BCBZRL7 Datasheet HTML 6Page - Analog Devices ADPD103BCBZRL7 Datasheet HTML 7Page - Analog Devices ADPD103BCBZRL7 Datasheet HTML 8Page - Analog Devices ADPD103BCBZRL7 Datasheet HTML 9Page - Analog Devices ADPD103BCBZRL7 Datasheet HTML 10Page - Analog Devices ADPD103BCBZRL7 Datasheet HTML 11Page - Analog Devices ADPD103BCBZRL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 7 of 52
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYSTEM PERFORMANCE
Total Output Noise Floor
Normal mode; per pulse; per channel; no LED; CPD = 70 pF
25 kΩ; referred to ADC input
2.0
LSB rms
25 kΩ; referred to peak input signal for 2 µs LED pulse
4.6
nA rms
25 kΩ; referred to peak input signal for 3 µs LED pulse
3.3
nA rms
25 kΩ; saturation signal-to-noise ratio (SNR) per pulse
per channel4
72.3
dB
50 kΩ; referred to ADC input
2.4
LSB rms
50 kΩ; referred to peak input signal for 2 µs LED pulse
2.8
nA rms
50 kΩ; referred to peak input signal for 3 µs LED pulse
2.0
nA rms
50 kΩ; saturation SNR per pulse per channel4
70.6
dB
100 kΩ; referred to ADC input
3.4
LSB rms
100 kΩ; referred to peak input signal for 2 µs LED pulse
1.9
nA rms
100 kΩ; referred to peak input signal for 3 µs LED pulse
1.4
nA rms
100 kΩ; saturation SNR per pulse per channel4
67.6
dB
200 kΩ; referred to ADC input
5.5
LSB rms
200 kΩ; referred to peak input signal for 2 µs LED pulse
1.6
nA rms
200 kΩ; referred to peak input signal for 3 µs LED pulse
1.1
nA rms
200 kΩ; saturation SNR per pulse per channel4
63.5
dB
DC Power Supply Rejection Ratio (DC PSRR)
−37
dB
1
This saturation level applies to the ADC only and, therefore, includes only the pulsed signal. Any nonpulsatile signal is removed prior to the ADC stage.
2
ADC resolution is listed per pulse when the AFE offset is correctly compensated per the AFE Operation section. If using multiple pulses, divide by the number of pulses.
3
This saturation level applies to the full signal path and, therefore, includes both the ambient signal and the pulsed signal.
4
The noise term of the saturation SNR value refers to the receive noise only and does not include photon shot noise or any noise on the LED signal itself.
DIGITAL SPECIFICATIONS
DVDD = 1.7 V to 1.9 V, unless otherwise noted.
Table 5.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS (SCL, SDA)
Input Voltage Level
High
VIH
0.7 × DVDD
3.6
V
Low
VIL
0.3 × DVDD
V
Input Current Level
High
IIH
−10
+10
µA
Low
IIL
−10
+10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
INT Output Voltage Level
High
VOH
2 mA high level output current
DVDD − 0.5
V
Low
VOL
2 mA low level output current
0.5
V
PDSO Output Voltage Level
High
VOH
2 mA high level output current
DVDD − 0.5
V
Low
VOL
2 mA low level output current
0.5
V
SDA Output Voltage Level
Low
VOL1
2 mA low level output current
0.2 × DVDD
V
SDA Output Current Level
Low
IOL
VOL1 = 0.6 V
6
mA


Similar Part No. - ADPD103BCBZRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD105BCBZR7 AD-ADPD105BCBZR7 Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD105BCPZ AD-ADPD105BCPZ Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD105BCPZRL AD-ADPD105BCPZRL Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD106 AD-ADPD106 Datasheet
884Kb / 66P
   Photometric Front Ends
More results

Similar Description - ADPD103BCBZRL7

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-4228-TF-LW140-C-R PUI-AI-4228-TF-LW140-C-R Datasheet
227Kb / 1P
   REVISED TEMPERATURE SPECIFICATIONS
logo
List of Unclassifed Man...
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
logo
Freescale Semiconductor...
MC34018 FREESCALE-MC34018 Datasheet
962Kb / 14P
   Specifications and Applications
logo
Omron Electronics LLC
E3S5E4S45 OMRON-E3S5E4S45 Datasheet
256Kb / 5P
   Ratings and Specifications
logo
Reed Relays and Electro...
R2B RRE-R2B Datasheet
96Kb / 1P
   Tape and reel specifications
logo
Motorola, Inc
MC1469 MOTOROLA-MC1469 Datasheet
1Mb / 19P
   Specifications and Applications Information
logo
List of Unclassifed Man...
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Rohm
SML-L13DTAFS ROHM-SML-L13DTAFS Datasheet
320Kb / 10P
   Specifications (Precautions and Prohibitions)
logo
List of Unclassifed Man...
DA04T ETC2-DA04T Datasheet
130Kb / 4P
   Distinctive features and specifications
D2-512 ETC2-D2-512 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com