Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD2211ACPZ-RL Datasheet(PDF) 7 Page - Analog Devices

Part # ADPD2211ACPZ-RL
Description  Low Noise, High Sensitivity Optical Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2211ACPZ-RL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPD2211ACPZ-RL Datasheet HTML 3Page - Analog Devices ADPD2211ACPZ-RL Datasheet HTML 4Page - Analog Devices ADPD2211ACPZ-RL Datasheet HTML 5Page - Analog Devices ADPD2211ACPZ-RL Datasheet HTML 6Page - Analog Devices ADPD2211ACPZ-RL Datasheet HTML 7Page - Analog Devices ADPD2211ACPZ-RL Datasheet HTML 8Page - Analog Devices ADPD2211ACPZ-RL Datasheet HTML 9Page - Analog Devices ADPD2211ACPZ-RL Datasheet HTML 10Page - Analog Devices ADPD2211ACPZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ADPD2211
Data Sheet
Rev. 0 | Page 6 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Relative Radiant Sensitivity vs. Angular Displacement
Figure 5. Responsivity vs. Wavelength
Figure 6. Power-Down Recovery Time, 1%
Figure 7. Supply Current vs. Output Current (IOUT) over Supply Voltage (VCC)
Figure 8. Small Signal Pulse Response
Figure 9. Bandwidth/Peaking
–80°
–70°
–60°
–50°
–40°
–30°
–20°
–10°
0.2
0.2
0.4
0.4
0.6
0.6
0.8
1.0
HORIZONTAL
VERTICAL
0
0
2
4
6
8
10
12
WA
VELENGTH (λ)
–10
10
30
50
TIME (µs)
1µs
10µs
PWDN
0
200µ
400µ
600µ
800µ
1.0m
1.2m
1.4m
1.6m
1.8m
0
50
100
150
200
250
300
350
400
450
IOUT (µA)
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
0
20
40
60
80
100
TIME (µs)
1µA
100nA
–12
–10
–8
–6
–4
–2
0
2
100
1k
10k
100k
1M
FREQUENCY (Hz)
1µA
10µA


Similar Part No. - ADPD2211ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD2210 AD-ADPD2210 Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
ADPD2210ACPZ-R7 AD-ADPD2210ACPZ-R7 Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
ADPD2210ACPZ-RL AD-ADPD2210ACPZ-RL Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
ADPD2212 AD-ADPD2212 Datasheet
487Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
ADPD2212ACPZ-R7 AD-ADPD2212ACPZ-R7 Datasheet
487Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
More results

Similar Description - ADPD2211ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD2212 AD-ADPD2212 Datasheet
487Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
ADPD2214 AD-ADPD2214 Datasheet
477Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
logo
MultiDimension Technolo...
TMR9082 MULTIDIMENSION-TMR9082 Datasheet
748Kb / 7P
   High sensitivity, Low Noise TMR Magnetic Linear Sensor
Version 1.0
TMR9002 MULTIDIMENSION-TMR9002 Datasheet
720Kb / 5P
   Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
TMR9001 MULTIDIMENSION-TMR9001 Datasheet
645Kb / 5P
   Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
logo
Roithner LaserTechnik G...
OP-2 ROITHNER-OP-2 Datasheet
147Kb / 2P
   High-Sensitivity Optical Power Sensors
logo
TAITIEN ELECTRONICS CO....
XO-0171-VLEU TAITIEN-XO-0171-VLEU Datasheet
285Kb / 3P
   High Frequency Very Low Noise/Low g-Sensitivity VCXO
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
logo
Hamamatsu Corporation
R7518 HAMAMATSU-R7518 Datasheet
196Kb / 4P
   PHOTOMULTIPLIER TUBES High Sensitivity with Low Noise Photocathode
logo
TAITIEN ELECTRONICS CO....
NA-100M-6800 TAITIEN-NA-100M-6800 Datasheet
466Kb / 4P
   100MHz Low Noise/Low G-Sensitivity OCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com