Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2202G Datasheet(PDF) 11 Page - Rohm

Part # BD2202G
Description  0.2A, 0.5A Current Load Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2202G Datasheet(HTML) 11 Page - Rohm

Back Button BD2202G_14 Datasheet HTML 7Page - Rohm BD2202G_14 Datasheet HTML 8Page - Rohm BD2202G_14 Datasheet HTML 9Page - Rohm BD2202G_14 Datasheet HTML 10Page - Rohm BD2202G_14 Datasheet HTML 11Page - Rohm BD2202G_14 Datasheet HTML 12Page - Rohm BD2202G_14 Datasheet HTML 13Page - Rohm BD2202G_14 Datasheet HTML 14Page - Rohm BD2202G_14 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
BD2202G
BD2206G
Datasheet
Typical Performance Curves - continued
Figure 27. UVLO Hysteresis Voltage vs
Ambient Temperature
Figure 24. Output Turn OFF Time vs
Supply Voltage
Figure 25. Output Turn OFF Time vs
Ambient Temperature
Figure 26. UVLO Threshold Voltage vs
Ambient Temperature
50
100
150
200
2
2.5
3
3.5
4
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Supply Voltage : VIN[V]
50
100
150
200
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=3.3V
Ambient Temperature : Ta[°C]
2
2.1
2.2
2.3
2.4
2.5
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VTUVH
VTUVL
Ambient Temperature : Ta[°C]
0.00
0.04
0.08
0.12
0.16
0.20
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
Ambient Temperature : Ta[°C]
11/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300180-1-2
21.Aug.2014 Rev.003


Similar Part No. - BD2202G_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
More results

Similar Description - BD2202G_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
logo
Diodes Incorporated
AP2331 DIODES-AP2331 Datasheet
242Kb / 11P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Unisonic Technologies
US301 UTC-US301 Datasheet
125Kb / 4P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Rohm
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_14 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
logo
Diodes Incorporated
AP2331TD DIODES-AP2331TD Datasheet
746Kb / 11P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH WITH OUTPUT TRANSIENT DISCHARGE
October 2017
logo
Solid State Optronic
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
   High Load Current (0.5A MAX Continuous)
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com