Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2220G-LB Datasheet(PDF) 1 Page - Rohm

Part # BD2220G-LB
Description  1ch Small Package High Side Switch ICs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2220G-LB Datasheet(HTML) 1 Page - Rohm

  BD2220G-LB Datasheet HTML 1Page - Rohm BD2220G-LB Datasheet HTML 2Page - Rohm BD2220G-LB Datasheet HTML 3Page - Rohm BD2220G-LB Datasheet HTML 4Page - Rohm BD2220G-LB Datasheet HTML 5Page - Rohm BD2220G-LB Datasheet HTML 6Page - Rohm BD2220G-LB Datasheet HTML 7Page - Rohm BD2220G-LB Datasheet HTML 8Page - Rohm BD2220G-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/20
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
TSZ02201-0E3E0H300380-1-2
21.Feb.2014 Rev.002
1ch Small Package
High Side Switch ICs
for USB Devices and Memory Cards
BD2220G-LB
BD2221G-LB
General Description
This is the product guarantees long time support in
Industrial market.
BD2220G
and
BD2221G
are
low
on-resistance
N-channel
MOSFET
high-side
power
switches,
optimized for Universal Serial Bus (USB) applications.
BD2220G and BD2221G are equipped with the function
of
over-current
detection,
thermal
shutdown,
under-voltage lockout and soft-start.
Features
Long time support a product for Industrial
applications.
Low On-Resistance (Typ. 160m
Ω) N-channel
MOSFET Built-in
Over-Current Detection
(Output off-latch operation)
Thermal Shutdown
Open-Drain Fault Flag Output
Under-Voltage Lockout
Soft-Start Circuit
Control Input Logic
Active-High : BD2220G
Active-Low : BD2221G
Reverse Current Protection when
Power Switch Off
Applications
Industrial Equipment,
USB hub in consumer appliances, Car accessory, PC,
PC peripheral equipment, and so forth
Key Specifications
Input voltage range:
2.7V to 5.5V
ON resistance:
160m
Ω(Typ.)
Over current threshold:
0.5A min., 1.0A max.
Standby current:
0.01
μA (Typ.)
Operating temperature range:
-40℃ to +85℃
Package
W(Typ.)
D (Typ.) H (Max.)
SSOP5
2.90mm x 2.80mm x 1.25mm
Typical Application Circuit
Lineup
Over current detection
Control input logic
Package
Orderable Part Number
Min.
Typ.
Max.
0.5A
-
1.0A
High
SSOP5
Reel of 3000
BD2220G – LBTR
0.5A
-
1.0A
Low
SSOP5
Reel of 3000
BD2221G – LBTR
SSOP5
10k
Ω~
100k
CL
CIN
VIN
GND
EN
VOUT
/OC
5V (Typ.)
+
-
3.3V


Similar Part No. - BD2220G-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2220G-TR ROHM-BD2220G-TR Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
More results

Similar Description - BD2220G-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2246G ROHM-BD2246G Datasheet
299Kb / 14P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G ROHM-BD2224G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com