Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2220G-LBTR Datasheet(PDF) 3 Page - Rohm

Part # BD2220G-LBTR
Description  1ch Small Package High Side Switch ICs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2220G-LBTR Datasheet(HTML) 3 Page - Rohm

  BD2220G-LBTR Datasheet HTML 1Page - Rohm BD2220G-LBTR Datasheet HTML 2Page - Rohm BD2220G-LBTR Datasheet HTML 3Page - Rohm BD2220G-LBTR Datasheet HTML 4Page - Rohm BD2220G-LBTR Datasheet HTML 5Page - Rohm BD2220G-LBTR Datasheet HTML 6Page - Rohm BD2220G-LBTR Datasheet HTML 7Page - Rohm BD2220G-LBTR Datasheet HTML 8Page - Rohm BD2220G-LBTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/20
BD2220G-LB
BD2221G-LB
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300380-1-2
21.Feb.2014 Rev.002
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
VIN supply voltage
VIN
-0.3 to 6.0
V
EN(/EN) input voltage
VEN(/EN)
-0.3 to 6.0
V
/OC voltage
V/OC
-0.3 to 6.0
V
/OC sink current
I/OC
5
mA
VOUT voltage
VOUT
-0.3 to 6.0
V
Storage temperature
TSTG
-55 to 150
Power dissipation
Pd
675
*1
mW
*1
Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 5.4mW per 1
oC above 25oC.
Recommended Operation Range
Parameter
Symbol
Ratings
Unit
Min.
Typ.
Max.
VIN operating voltage
VIN
2.7
5.0
5.5
V
Operating temperature
TOPR
-40
-
85
Electrical Characteristics (VIN= 5V, Ta= 25℃, unless otherwise specified.)
DC Characteristics
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Operating current
IDD
-
110
160
μA
VEN = 5V (BD2220G)
V/EN = 0V (BD2221G)
VOUT = open
Standby current
ISTB
-
0.01
5
μA
VEN = 0V (BD2220G)
V/EN = 5V (BD2221G)
VOUT = open
EN(/EN) input voltage
VEN(/EN)
2.0
-
-
V
High input
VEN(/EN)
-
-
0.8
V
Low input
EN(/EN) input leakage
IEN(/EN)
-1.0
0.01
1.0
μA
VEN(/EN) = 0V or 5V
On-resistance
RON
-
160
210
m
IOUT = 50mA
Switch leak current
ILSW
-
-
1.0
μA
VEN(/EN) = 0V, VOUT = 0V
Reverse leak current
IREV
-
-
1.0
μA
VOUT = 5.5V, VIN = 0V
Over-current threshold
ITH
0.5
-
1.0
A
Short circuit output current
ISC
0.35
-
-
A
VOUT = 0V, RMS
/OC output low voltage
V/OC
-
-
0.4
V
I/OC = 0.5mA
UVLO threshold
VTUVH
2.1
2.3
2.5
V
VIN increasing
VTUVL
2.0
2.2
2.4
V
VIN decreasing
AC Characteristics
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Output rise time
TON1
-
1
6
ms
RL = 20
Output turn-on time
TON2
-
1.5
10
ms
RL = 20
Output fall time
TOFF1
-
1
20
μs
RL = 20
Output turn-off time
TOFF2
-
3
40
μs
RL = 20
/OC delay time
T/OC
10
15
20
ms


Similar Part No. - BD2220G-LBTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2220G-TR ROHM-BD2220G-TR Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
More results

Similar Description - BD2220G-LBTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2246G ROHM-BD2246G Datasheet
299Kb / 14P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G ROHM-BD2224G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com