Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6720-27 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6720-27
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6720-27 Datasheet HTML 6Page - Analog Devices ADRF6720-27 Datasheet HTML 7Page - Analog Devices ADRF6720-27 Datasheet HTML 8Page - Analog Devices ADRF6720-27 Datasheet HTML 9Page - Analog Devices ADRF6720-27 Datasheet HTML 10Page - Analog Devices ADRF6720-27 Datasheet HTML 11Page - Analog Devices ADRF6720-27 Datasheet HTML 12Page - Analog Devices ADRF6720-27 Datasheet HTML 13Page - Analog Devices ADRF6720-27 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Data Sheet
ADRF6720-27
Rev. B | Page 9 of 43
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
MUXOUT
Multiplexer Output. This output allows a digital lock detect signal, a voltage proportional to absolute temperature
(VPTAT), or a buffered, frequency-scaled reference signal to be accessed externally. The output is selected by
programming Bits[6:4] in Register 0x21.
2, 10
GND
Baseband Ground.
3, 4
I+, I−
Differential In-Phase Baseband Inputs.
5, 7
GND
Mixer Core (I and Q) Ground.
6
VPOS1
3.3 V Supply Voltage for Baseband. Decouple VPOS1 with 100 pF and 0.1 µF capacitors located close to the pin.
8, 9
Q−, Q+
Differential Quadrature Baseband Inputs.
11
VPOS2
3.3 V Supply Voltage for 2.5 V LDO. Decouple VPOS2 with 100 pF and 0.1 µF capacitors located close to the pin.
12
DECL1
Decoupling Pin for 2.5 V LDO. Connect 100 pF, 0.1 µF, and 10 µF capacitors between this pin and ground.
13
SDIO
Serial Data Input/Output for SPI.
14
SCLK
Serial Clock Input/Output for SPI.
15
CS
Chip Select Input/Output for SPI.
16
GND
Digital Ground.
17
VPOS3
3.3 V Supply Voltage for LO. Decouple VPOS3 with 100 pF and 0.1 µF capacitors located close to the pin.
18, 19
LOOUT+,
LOOUT−
Differential LO Outputs. Either the internally generated LO or external 1 × LO/2 × LO is available at 1 × LO or 2 ×
LO on these pins.
20
GND
LO Ground.
21
NIC
Not Internally Connected. This pin can be left open or tied to RF ground.
22
VPOS4
3.3 V Supply Voltage for RF. Decouple VPOS4 with 100 pF and 0.1 µF capacitors located close to the pin.
23, 25
GND
RF Ground.
24
RFOUT
Single-Ended 0 V DC RF Output.
26
VPOS5
3.3 V Supply Voltage for RF. Decouple VPOS5 with 100 pF and 0.1 µF capacitors located close to the pin.
27
ENBL
Enables/Disables the Circuit Blocks. References the settings at Register 0x01 and Register 0x10. Refer to the ENBL
section for more information.
28
DECL2
Decoupling Pin for VCO LDO. Connect 100 pF, 0.1 µF, and 10 µF capacitors between this pin and ground.
29
GND
VCO Ground.
30
VPOS6
3.3 V Supply Voltage for VCO LDO. Decouple VPOS6 with 100 pF and 0.1 µF capacitors located close to the pin.
31
DECL3
Decoupling Pin for VCO LDO. Connect 100 pF, 0.1 µF, and 10 µF capacitors between this pin and ground.
32
VTUNE
VCO Tuning Voltage.
33, 34
LOIN−,
LOIN+
Differential External LO Inputs.
35
VPOS7
3.3 V Supply Voltage for Charge Pump. Decouple VPOS7 with 100 pF and 0.1 µF capacitors located close to the
pin.
1. NIC = NOT INTERNALLY CONNECTED.
MUXOUT
GND
I+
I–
GND
VPOS1
GND
Q+
Q–
GND
GND
RFOUT
GND
VPOS5
NIC
DECL2
GND
VPOS6
VPOS4
ENBL
NOTES
2. SOLDER THE EXPOSED PAD TO A LOW IMPEDANCE
GROUND PLANE.
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
ADRF6720-27
TOP VIEW
(Not to Scale)


Similar Part No. - ADRF6720-27

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6720-EVALZ AD-ADRF6720-EVALZ Datasheet
3Mb / 44P
   Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
More results

Similar Description - ADRF6720-27

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6720 AD-ADRF6720 Datasheet
3Mb / 44P
   Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
logo
STMicroelectronics
STW81200 STMICROELECTRONICS-STW81200 Datasheet
3Mb / 58P
   Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
January 2016 Rev 7
logo
Analog Devices
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
logo
Texas Instruments
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
[Old version datasheet]   Quadrature Modulator with Integrated PLL and VCO
logo
STMicroelectronics
STUW81300 STMICROELECTRONICS-STUW81300 Datasheet
1Mb / 63P
   Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
March 2022 Rev 7
logo
Texas Instruments
TRF3722 TI-TRF3722_15 Datasheet
2Mb / 67P
[Old version datasheet]   TRF3722 Quadrature Modulator with Integrated PLL and VCO
logo
Analog Devices
ADMV4540 AD-ADMV4540 Datasheet
4Mb / 54P
   K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
logo
Asahi Kasei Microsystem...
AK1574 AKM-AK1574 Datasheet
2Mb / 66P
   46.875-1682.5MHz Fractional-N PLL with integrated VCO and FM/FSK modulator
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com