Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2270HFV Datasheet(PDF) 3 Page - Rohm

Part # BD2270HFV
Description  Controller ICs for High Side NMOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2270HFV Datasheet(HTML) 3 Page - Rohm

  BD2270HFV Datasheet HTML 1Page - Rohm BD2270HFV Datasheet HTML 2Page - Rohm BD2270HFV Datasheet HTML 3Page - Rohm BD2270HFV Datasheet HTML 4Page - Rohm BD2270HFV Datasheet HTML 5Page - Rohm BD2270HFV Datasheet HTML 6Page - Rohm BD2270HFV Datasheet HTML 7Page - Rohm BD2270HFV Datasheet HTML 8Page - Rohm BD2270HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
BD2270HFV
Datasheet
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
-0.3 to +6.0
V
AEN Voltage
VAEN
-0.3 to +6.0
V
DISC Voltage
VDISC
-0.3 to +6.0
V
GATE Voltage
VGATE
-0.3 to +15.0
V
Storage Temperature Range
Tstg
-55 to +150
°C
Power Dissipation
Pd
0.66 (Note 1)
W
(Note 1) Derate by 5.35mW/°C when operating above Ta=25°C (Mounted on a 70mm x 70mm x 1.6mm board).
Caution:
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Min
Typ
Max
Operating Voltage Range
VCC
2.7
-
5.5
V
Operating Temperature Range
Topr
-25
-
+85
°C
Electrical Characteristics
(VCC= 3.0V, Ta= 25°C unless otherwise specified)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Operating Current
ICC
-
50
75
μA
VAEN= 2.5V
Standby Current
ISTB
-
5
10
μA
VAEN= 0V
AEN Input Voltage
VAENH
1.55
2
2.45
V
High Level Input
VAENL
1.35
1.9
2.35
V
Low Level Input
AEN Input Current
IAEN
-
3
5
μA
VAEN= 3V
GATE Output Voltage
VGATE
10
13.5
15
V
VCC= 5V
6.6
9.5
9.9
V
VCC= 3.3V
6
8.5
9
V
VCC= 3V
GATE Rise Time
tON
-
130
750
μs
CGATE= 500pF VCC= 3V
VGATE > 4V
GATE Fall Time
tOFF
-
18
60
μs
CGATE= 500pF VCC= 3V
VGATE < 0.5V
DISC Discharge Resistance
RDISC
-
200
300
Ω
VAEN= 0V
Measurement Circuit
Timing Diagram
VCC
DISC
GND
GATE
AEN
BD2270HFV
CGATE
ON/OFF
TON1
TOFF
VAENH
VAENL
VAEN
VCC+1V
0.5V
VGATE
TON2
VCC+2V
tON2
tON1
tOFF
3/18
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300230-1-2
21.Aug.2014 Rev.003


Similar Part No. - BD2270HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2270HFV ROHM-BD2270HFV Datasheet
262Kb / 13P
   MOSFET Controller IC for Load Switching
BD2270HFV ROHM-BD2270HFV Datasheet
292Kb / 13P
   Controller ICs for High Side NMOSFET
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2270HFV-LBTR ROHM-BD2270HFV-LBTR Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2270HFV ROHM-BD2270HFV_09 Datasheet
262Kb / 13P
   MOSFET Controller IC for Load Switching
More results

Similar Description - BD2270HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2270HFV ROHM-BD2270HFV_11 Datasheet
292Kb / 13P
   Controller ICs for High Side NMOSFET
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
logo
Sanken electric
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com