Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6528HFV Datasheet(PDF) 1 Page - Rohm

Part # BD6528HFV
Description  0.5A Current Load Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6528HFV Datasheet(HTML) 1 Page - Rohm

  BD6528HFV_14 Datasheet HTML 1Page - Rohm BD6528HFV_14 Datasheet HTML 2Page - Rohm BD6528HFV_14 Datasheet HTML 3Page - Rohm BD6528HFV_14 Datasheet HTML 4Page - Rohm BD6528HFV_14 Datasheet HTML 5Page - Rohm BD6528HFV_14 Datasheet HTML 6Page - Rohm BD6528HFV_14 Datasheet HTML 7Page - Rohm BD6528HFV_14 Datasheet HTML 8Page - Rohm BD6528HFV_14 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Load Switch ICs
0.5A Current Load Switch ICs
for Portable Equipment
BD6528HFV
BD6529GUL
General Description
BD6528HFV and BD6529GUL are high side switch IC
using an N-Channel Power MOSFET and used as a
power switch for memory card slot. This switch IC has
an ON-Resistance of 100mΩ for BD6529GUL and
110mΩ for BD6528HFV. Operations using low input
voltage (VIN ≥ 2.7V) are possible for various switch
applications. BD6528HFV is available in space-saving
HVSOF6 package.
Features
Built-in Single N-Channel MOSFET with Low
ON-Resistance
Low-Voltage Switching Capability
Soft-Start Function
Output Discharge Circuit
Reverse Current Flow Blocking at Switch OFF
Condition
Applications
Load Switches for Mobile Phone, Digital Still Camera,
PDA, MP3 Player, PC, etc.
Key Specifications
Switch Voltage Range
0V to 2.7V
Input Voltage Range:
2.7V to 4.5V
ON-Resistance:
BD6528HFV
110mΩ(Typ)
BD6529GUL
100mΩ(Typ)
Output Current:
0.5 A(Max)
Standby Current:
0.01μA (Typ)
Operating Temperature Range:
-25°C to +85°C
Packages
W(Typ) D(Typ) H (Max)
Typical Application Circuit
Lineup
ON-Resistance
(Typ)
Control Input
Logic
Package
Orderable Part Number
110mΩ
High
HVSOF6
Reel of 3000 BD6528HFV-TR
100mΩ
High
VCSP50L1 Reel of 3000 BD6529GUL-E2
IN
OUT
EN
GND
VDD
OUT
VIN VDD
ON / OFF
LOAD
HVSOF6
1.60mm x 3.00mm x 0.75mm
VCSP50L1
1.50mm x 1.00mm x 0.55mm
Product structure:Silicon monolithic integrated circuit ○This product has not designed protection against radioactive rays
1/22
TSZ02201-0E3E0H300270-1-2
21.Aug.2014 Rev.003
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
Datasheet


Similar Part No. - BD6528HFV_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
More results

Similar Description - BD6528HFV_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD2202G ROHM-BD2202G_14 Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_14 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
logo
Solid State Optronic
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
   High Load Current (0.5A MAX Continuous)
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com