Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2270HFV-GTR Datasheet(PDF) 6 Page - Rohm

Part # BD2270HFV-GTR
Description  Controller ICs for High Side NMOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2270HFV-GTR Datasheet(HTML) 6 Page - Rohm

Back Button BD2270HFV-GTR Datasheet HTML 2Page - Rohm BD2270HFV-GTR Datasheet HTML 3Page - Rohm BD2270HFV-GTR Datasheet HTML 4Page - Rohm BD2270HFV-GTR Datasheet HTML 5Page - Rohm BD2270HFV-GTR Datasheet HTML 6Page - Rohm BD2270HFV-GTR Datasheet HTML 7Page - Rohm BD2270HFV-GTR Datasheet HTML 8Page - Rohm BD2270HFV-GTR Datasheet HTML 9Page - Rohm BD2270HFV-GTR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
BD2270HFV
Datasheet
Typical Performance Curves - continued
Figure 9. GATE Output Voltage vs Supply Voltage
0
2
4
6
8
10
12
14
2
3
4
5
6
SUPPLY VOLTAGE : VCC[V]
Ta=25°C
0
2
4
6
8
10
12
14
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VCC=3.0V
Figure 10. GATE Output Voltage vs Ambient Temperature
Figure 11. DISC Discharge Resistance
vs Supply Voltage
0
50
100
150
200
250
300
2
3
4
5
6
SUPPLY VOLTEGE : VCC[V]
Ta=25°C
Figure 12. DISC Discharge Resistance
vs Ambient Temperature
0
50
100
150
200
250
300
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VCC=3.0V
Supply Voltage: VCC [V]
Supply Voltage: VCC [V]
Ambient Temperature: Ta [°C]
Ambient Temperature: Ta [°C]
6/18
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300230-1-2
21.Aug.2014 Rev.003


Similar Part No. - BD2270HFV-GTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2270HFV-LBTR ROHM-BD2270HFV-LBTR Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
More results

Similar Description - BD2270HFV-GTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2270HFV ROHM-BD2270HFV_11 Datasheet
292Kb / 13P
   Controller ICs for High Side NMOSFET
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
logo
Sanken electric
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com