Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6528HFV Datasheet(PDF) 9 Page - Rohm

Part # BD6528HFV
Description  0.5A Current Load Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6528HFV Datasheet(HTML) 9 Page - Rohm

Back Button BD6528HFV Datasheet HTML 5Page - Rohm BD6528HFV Datasheet HTML 6Page - Rohm BD6528HFV Datasheet HTML 7Page - Rohm BD6528HFV Datasheet HTML 8Page - Rohm BD6528HFV Datasheet HTML 9Page - Rohm BD6528HFV Datasheet HTML 10Page - Rohm BD6528HFV Datasheet HTML 11Page - Rohm BD6528HFV Datasheet HTML 12Page - Rohm BD6528HFV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
BD6528HFV
BD6529GUL
Datasheet
Typical Performance Curves - continued
Figure 17. Output Turn ON Time vs Supply Voltage
Figure 18. Output Turn ON Time vs
Ambient Temperature
Figure 19. Output Fall Time vs
Supply Voltage
Figure 20. Output Fall Time vs
Ambient Temperature
0.0
0.4
0.8
1.2
1.6
2.0
2
3
4
5
SUPPLY VOLTAGE : VDD [V]
Ta=25ºC
RL=10Ω
Supply Voltage : VDD[V]
0.0
0.2
0.4
0.6
0.8
1.0
2
3
4
5
SUPPLY VOLTAGE : VDD [V]
Ta=25ºC
RL=10Ω
Supply Voltage : VDD[V]
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta [°C]
Ambient Temperature : Ta[°C]
VDD=3.3V
RL=10Ω
0.0
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta [°C]
VDD=3.3V
RL=10Ω
Ambient Temperature : Ta[°C]
9/22
TSZ02201-0E3E0H300270-1-2
21.Aug.2014 Rev.003
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001


Similar Part No. - BD6528HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6528HFV ROHM-BD6528HFV Datasheet
154Kb / 5P
   Silicon monolithic integrated circuit
BD6528HFV ROHM-BD6528HFV Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
More results

Similar Description - BD6528HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD2202G ROHM-BD2202G_14 Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_14 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
logo
Solid State Optronic
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
   High Load Current (0.5A MAX Continuous)
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com