Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6538G Datasheet(PDF) 4 Page - Rohm

Part # BD6538G
Description  Output OFF Latch High Side Switch ICs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6538G Datasheet(HTML) 4 Page - Rohm

  BD6538G Datasheet HTML 1Page - Rohm BD6538G Datasheet HTML 2Page - Rohm BD6538G Datasheet HTML 3Page - Rohm BD6538G Datasheet HTML 4Page - Rohm BD6538G Datasheet HTML 5Page - Rohm BD6538G Datasheet HTML 6Page - Rohm BD6538G Datasheet HTML 7Page - Rohm BD6538G Datasheet HTML 8Page - Rohm BD6538G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
BD6538G
Measurement Circuit
IN
GND
EN
OUT
/OC
VIN
VEN
A
1µF
IN
GND
EN
OUT
/OC
VIN
VEN
A
1µF
RL
IN
GND
EN
OUT
/OC
VIN
VEN
A
1µF
IOUT
10k
IN
GND
EN
OUT
/OC
VIN
VEN
A
1µF
IOC
Figure 1. Measurement Circuit
Timing Diagram
tON1
tOFF1
90%
10%
10%
tON2
tOFF2
VENH
VENL
90%
VEN
VOUT
Figure 2. Timing Chart at Output Rise / Fall Time
C. ON-Resistance, Over-Current Detection
D. /OC Output Low Voltage
B. EN Input Voltage, Output Rise / Fall Time
A. Operating Current
4/21
TSZ02201-0E3E0H300320-1-2
21.Aug.2014 Rev.002
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001


Similar Part No. - BD6538G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6538G ROHM-BD6538G Datasheet
352Kb / 12P
   1ch Small Current Output Power Management Switch IC
BD6538G ROHM-BD6538G Datasheet
291Kb / 12P
   1ch Small Package High Side Switch IC for USB Devices and Memory Cards
BD6538G-LB ROHM-BD6538G-LB Datasheet
512Kb / 24P
   Output OFF Latch High Side Switch ICs
BD6538G-LBTR ROHM-BD6538G-LBTR Datasheet
512Kb / 24P
   Output OFF Latch High Side Switch ICs
BD6538G ROHM-BD6538G_11 Datasheet
291Kb / 12P
   1ch Small Package High Side Switch IC for USB Devices and Memory Cards
More results

Similar Description - BD6538G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6538G-LB ROHM-BD6538G-LB Datasheet
512Kb / 24P
   Output OFF Latch High Side Switch ICs
BD2220G ROHM-BD2220G_14 Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com