Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8149MUV-E2 Datasheet(PDF) 4 Page - Rohm

Part # BD8149MUV-E2
Description  Gamma voltage generated IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8149MUV-E2 Datasheet(HTML) 4 Page - Rohm

  BD8149MUV-E2 Datasheet HTML 1Page - Rohm BD8149MUV-E2 Datasheet HTML 2Page - Rohm BD8149MUV-E2 Datasheet HTML 3Page - Rohm BD8149MUV-E2 Datasheet HTML 4Page - Rohm BD8149MUV-E2 Datasheet HTML 5Page - Rohm BD8149MUV-E2 Datasheet HTML 6Page - Rohm BD8149MUV-E2 Datasheet HTML 7Page - Rohm BD8149MUV-E2 Datasheet HTML 8Page - Rohm BD8149MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Technical Note
4/17
BD8149MUV
www.rohm.com
2016.08 - Rev.B
© 2016 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics (Unless otherwise specified, Ta=25℃, VDD=3.3V, VCC=15V, REFIN=3.5V)
PARAMETER
SYMB
OL
LIMITS
UNIT
CONDITION
MIN
TYP
MAX
VDAC 〕
FB voltage
Vfb
1.237
1.25
1.263
V
Input bias current
Ifb
1.2
0.1
1.2
uA
Vfb=1.3V
Current capability
Io
10
50
-
mA
Gamma Amplifier 〕
Slew rate (AMP0)
SR0
1
4
-
V/usec OUT0=No load
Slew rate
(AMP1~5, 7~10)
SRX
1
4
-
V/usec OUT1~5, 7~10=No load
Slew rate (AMP6)
SR6
1
4
-
V/usec OUT6=No load
Slew rate (AMP11)
SR11
1
4
-
V/usec OUT11=No load
DAC 〕
Integral Non-linearity Error
(INL)
LE
-2
-
2
LSB
00A ~ 3F5 is the allowance
margin of error against the ideal
linear.
Differential Non-linearity Error
(DNL)
DLE
-2
-
2
LSB
00A ~ 3F5 is the allowance
margin of error against the ideal
increase of 1LSB.
Output voltage precision
Thermal Characteristics 1
Vt1
-200
50
200
mV
Ta=-25℃~85℃
Output voltage precision
Thermal Characteristics 2
Vt2
-100
30
100
mV
Ta=0℃~75℃
Control Signal 1 SEL, EN, A0, A1, A2, SLAVE/AR, EN_AR 〕
Inrush current
Ictl
7
16.5
33
uA
VIN=3.3V
Threshold voltage 1A
V
0.8
TH1A
-
1.7
V
Threshold voltage 1B
V
0.6
TH1B
-
1.7
V
VDD=2.5V
Control Signal 2 SDA, SCL 〕
Threshold voltage 2A
V
0.8
TH2A
-
1.7
V
Threshold voltage 2B
V
0.6
TH2B
-
1.7
V
VDD=2.5V
MIN. output voltage
VCL
-
-
0.4
V
ISDA=3mA, ISCL=3mA
Whole Device 〕
VDD Power ON Reset
Start-up voltage
Vdet1
1.75
1.9
2.05
V
REFIN UVLO voltage
Vdet2
1.75
1.9
2.05
V
SEL switching time *1
tSEL
-
0.3
1.0
usec
Circuit current
ICC
-
6
-
mA
This product is not designed for protection against radio active rays.
*1 SEL switching time timing is shown below.
Fig.1 SEL switching time timing
SEL
OUT
tSEL
tSEL


Similar Part No. - BD8149MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8143MUV ROHM-BD8143MUV Datasheet
332Kb / 11P
   High-precision Gamma Correction IC with built-in DAC
More results

Similar Description - BD8149MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81010MUV ROHM-BD81010MUV Datasheet
1Mb / 22P
   Gamma voltage generated IC with built-in DAC
BD81026MUV ROHM-BD81026MUV Datasheet
1Mb / 22P
   Gamma voltage generated IC with built-in DAC
logo
Texas Instruments
BUF12840 TI1-BUF12840_15 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF12840 TI-BUF12840 Datasheet
378Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF16821-Q1 TI1-BUF16821-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF08630 TI-BUF08630 Datasheet
430Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
logo
ATMEL Corporation
AT88SC1003 ATMEL-AT88SC1003_14 Datasheet
528Kb / 30P
   Vpp Internally Generated for Single Voltage Operation
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
BD8143MUV ROHM-BD8143MUV Datasheet
332Kb / 11P
   High-precision Gamma Correction IC with built-in DAC
BD8150KVT ROHM-BD8150KVT_09 Datasheet
494Kb / 19P
   4-channel System Power Supply Gamma Buffer Amp IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com