Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9634GU Datasheet(PDF) 6 Page - Rohm

Part # BD9634GU
Description  Switching Regulator ICs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9634GU Datasheet(HTML) 6 Page - Rohm

Back Button BD9634GU Datasheet HTML 2Page - Rohm BD9634GU Datasheet HTML 3Page - Rohm BD9634GU Datasheet HTML 4Page - Rohm BD9634GU Datasheet HTML 5Page - Rohm BD9634GU Datasheet HTML 6Page - Rohm BD9634GU Datasheet HTML 7Page - Rohm BD9634GU Datasheet HTML 8Page - Rohm BD9634GU Datasheet HTML 9Page - Rohm BD9634GU Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
BD9634GU
6/26
TSZ02201-0313AA400620-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
26.Apr.2016 Rev.001
www.rohm.com
Electrical Characteristics
–continued
(Unless otherwise specified, VVBAT=VVBAT3,4,6,8=3.7[V], VOUT1 Input terminal =3.7[V], Ta=25[°C])
Parameter
Symbol
Limit
Unit
Conditions
MIN
TYP
MAX
【CH3】
Error Amp
Reference Voltage
VEREF3
0.390
0.400
0.410
V
Soft-start Period 85%
tSS3
0.43
0.85
1.27
ms
Soft-start Period 100%
1.0[ms](TYP)
PMOS ON-Resistance
RONP3
-
0.45
0.70
Ω
Power Supply 3.7[V]
NMOS ON-Resistance
RONN3
-
0.30
0.55
Ω
Power Supply 3.7[V]
【CH4】
Error Amp
Reference Voltage
VEREF4
0.390
0.400
0.410
V
Soft-start Period 85%
tSS4
1.25
2.50
3.75
ms
Soft-start Period 100%
2.94[ms](TYP)
PMOS
ON-Resistance
DOWN side
RONPD4
-
0.45
0.70
Ω
Power Supply 3.7[V]
NMOS
ON-Resistance
DOWN side
RONND4
-
0.30
0.55
Ω
Power Supply 3.7[V]
PMOS ON-Resistance
UP side
RONPU4
-
0.45
0.70
Ω
Power Supply 3.7[V]
NMOS ON-Resistance
UP side
RONNU4
-
0.30
0.55
Ω
Power Supply 3.7[V]
Maximum Duty
DMAX4
65
80
95
%
【CH5】
Error Amp
Reference Voltage
VEREF5
0.975
1.000
1.025
V
Soft-start Period 85%
tSS5
2.25
4.50
6.95
ms
Soft-start Period 100%
5.3[ms](TYP)
Maximum Duty
DMAX5
76.5
85.0
93.5
%
SEL5=L
【CH6】
Error Amp
Reference Voltage 1
VEREF6
0.386
0.400
0.414
V
Constant voltage control side
Error Amp
Reference Voltage 2
VEREF6.1
0.386
0.400
0.414
V
Constant current control side
Soft-start Period 85%
tSS6
2.55
5.10
7.65
ms
Soft-start Period 100%
6.0[ms](TYP)
Load Switch
ON-Resistance
RONP6
-
0.40
0.65
Ω
Power Supply 3.7[V]
Maximum Duty
DMAX6
87
-
-
%
【CH7】
Error Amp
Reference Voltage
VEREF7
0.983
1.000
1.017
V
Soft-start Period 85%
tSS7
3.40
6.80
10.20
ms
Soft-start Period 100%
8.0[ms](TYP)
PMOS ON-Resistance
RONP7
-
4.00
6.40
Ω
Power Supply 3.7[V]
NMOS ON-Resistance
RONN7
-
0.70
1.12
Ω
Power Supply 3.7[V]
Maximum Duty
DMAX7
87
-
-
%
【CH8】
Error Amp
Reference Voltage
VEREF8
0.978
1.000
1.022
V
Refer to P.16 for Output Voltage accuracy
Soft-start Period 1
85%
tSS81
2.55
5.10
7.65
ms
Soft-start Period 100%
6.0[ms](TYP)
CONT78=L
Soft-start Period 2
85%
tSS82
3.40
6.80
10.20
ms
Soft-start Period 100%
8.0[ms](TYP)
CONT78=H
Maximum Duty
DMAX8
87
-
-
%
CH8 Reference Voltage
VREF8
2.44
2.50
2.56
V
【CH9】
Reference Voltage
VREF9
0.2425
0.250
0.2575
V
Startup period 85%
tSS9
127
255
383
μs
Startup Period 100%
300[μs](TYP)
PMOS ON-Resistance
RONP9
-
0.90
1.44
Ω
Power Supply 3.7[V]


Similar Part No. - BD9634GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9631GU ROHM-BD9631GU Datasheet
2Mb / 29P
   Switching Regulator ICs
BD9631GU-E2 ROHM-BD9631GU-E2 Datasheet
2Mb / 29P
   Switching Regulator ICs
BD9639MWV ROHM-BD9639MWV Datasheet
219Kb / 5P
   Semiconductor integrated circuit
BD9639MWV ROHM-BD9639MWV Datasheet
219Kb / 5P
   Semiconductor integrated circuit
BD9639MWV-E2 ROHM-BD9639MWV-E2 Datasheet
2Mb / 26P
   Switching Regulator ICs
More results

Similar Description - BD9634GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9639MWV ROHM-BD9639MWV_16 Datasheet
2Mb / 26P
   Switching Regulator ICs
BD9631GU ROHM-BD9631GU Datasheet
2Mb / 29P
   Switching Regulator ICs
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com