Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9757MWV Datasheet(PDF) 3 Page - Rohm

Part # BD9757MWV
Description  Switching Regulator IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9757MWV Datasheet(HTML) 3 Page - Rohm

  BD9757MWV_10 Datasheet HTML 1Page - Rohm BD9757MWV_10 Datasheet HTML 2Page - Rohm BD9757MWV_10 Datasheet HTML 3Page - Rohm BD9757MWV_10 Datasheet HTML 4Page - Rohm BD9757MWV_10 Datasheet HTML 5Page - Rohm BD9757MWV_10 Datasheet HTML 6Page - Rohm BD9757MWV_10 Datasheet HTML 7Page - Rohm BD9757MWV_10 Datasheet HTML 8Page - Rohm BD9757MWV_10 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Technical Note
3/20
BD9757MWV
www.rohm.com
2010.11 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●Electrical characteristics (Unless specified, Ta=25℃, VCCOUT=5.0V, VBAT=3V, STB13 ~ 7=3V,UPIC8=2.5V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
【Internal regulator VREGA】
Output voltage
VREGA
2.4
2.5
2.6
V
Io=5mA
【Low-voltage input malfunction prevention circuit】
Detecting voltage 1
Vstd1
-
2.0
2.3
V
VREGA monitor
Hysteresis width 1
⊿Vstd1
50
100
200
mV
Detecting voltage 2
Vstd2
-
2.4
2.5
V
VCCOUT monitor
Hysteresis width 2
⊿Vstd2
100
200
300
mV
【Short-circuit protection circuit】
SCP detecting time
Tscp
20
25
30
msec
Timer start threshold voltage
Vtcinv
0.38
0. 48
0.58
V
INV terminal monitor
CH3 ~ 5
【Start circuit】
Oscillating frequency
Fstart
150
300
600
kHz
Operation initiation VBAT voltage
Vst1
1.5
-
-
V
Start-up CH soft start time
Tss1
1.8
3.0
5.3
msec
【Oscillating circuit】
Oscillating frequency CH1 ~ 5
fosc1
1.0
1.2
1.4
MHz
Oscillating frequency CH6 ~ 8
fosc2
0.5
0.6
0.7
MHz
Max duty 2,3,4,5(voltage step-down)
Dmax1d
-
-
100
%
(2)
Max duty 1(voltage boost)
Dmax1u
86
92
96
%
Max duty 6,7,8
Dmax2
86
92
96
%
【Error AMP】
Input bias current
IINV
-
0
50
nA
INV1 ~ 8, NON5=3.0V
INV threshold 1
VINV1
0.79
0.80
0.81
V
CH1 ~ 5
INV threshold 2
VINV2
0.99
1.00
1.01
V
CH7,8V
INV threshold 3
(max)
VINV3
370
400
430
mV
CH8I
【Base Bias Voltage Vref for inverted Channel】
CH6 output voltage
VOUT6
-6.09
-6.00
-5.91
V
NON6 12k
Ω, 72kΩ
(3)
Line regulation
DVLi
-
4.0
12.5
mV
VCCOUT=1.5 ~ 5.5V
Output circuit at the time of short-circuit
Ios
0.2
1.0
-
mA
Vref=0V
【Soft start】
CH2, 5 soft start time
Tss2, 5
3.4
4.4
5.4
msec
CH3, 4 soft start time
Tss3, 4
1.2
2.2
3.2
msec
CH6 soft start time
Tss6
3.4
4.4
5.4
msec
CH7, 8 soft start time
Tss7, 8
4.4
5.4
6.6
msec
※2
The protective circuit start working when circuit is operated by 100% duty.
So it is possible to use only for transition time shorter than charge time for SCP.
※3
Recommend resistor value over 20kΩ between VREF to NON6, because VREF current is under 100µA.
This product is not designed for normal operation within a radioactive environment.


Similar Part No. - BD9757MWV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9757MWV ROHM-BD9757MWV Datasheet
274Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD9757MWV_10

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7680 NJRC-NJU7680 Datasheet
162Kb / 11P
   2ch switching regulator IC
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
logo
Sanken electric
STRS5141G SANKEN-STRS5141G Datasheet
122Kb / 3P
   SWITCHING REGULATOR HYBRID IC
logo
Sanyo Semicon Device
LA5677M SANYO-LA5677M Datasheet
157Kb / 6P
   DUAL SWITCHING REGULATOR CONTROL IC
logo
Sanken electric
STR50041A SANKEN-STR50041A Datasheet
155Kb / 5P
   Sanken Switching Regulator Hybrid IC
logo
Sanyo Semicon Device
LA5683T SANYO-LA5683T Datasheet
192Kb / 12P
   Monolithic Linear IC 4ch Switching Regulator Control IC
logo
New Japan Radio
NJW4131B NJRC-NJW4131B Datasheet
239Kb / 20P
   Switching Regulator IC for Boost Converter
NJW4132 NJRC-NJW4132 Datasheet
149Kb / 11P
   Switching Regulator IC for Boost Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com