Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD82000FVJ Datasheet(PDF) 5 Page - Rohm

Part # BD82000FVJ
Description  1.5A Current Limit High Side Switch ICs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD82000FVJ Datasheet(HTML) 5 Page - Rohm

  BD82000FVJ Datasheet HTML 1Page - Rohm BD82000FVJ Datasheet HTML 2Page - Rohm BD82000FVJ Datasheet HTML 3Page - Rohm BD82000FVJ Datasheet HTML 4Page - Rohm BD82000FVJ Datasheet HTML 5Page - Rohm BD82000FVJ Datasheet HTML 6Page - Rohm BD82000FVJ Datasheet HTML 7Page - Rohm BD82000FVJ Datasheet HTML 8Page - Rohm BD82000FVJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
BD82000FVJ
BD82001FVJ
Measurement Circuit
GND
IN
IN
EN(/EN)
OUT
OUT
OUT
/OC
VEN(V/EN)
1µF
VIN
A
GND
IN
IN
EN(/EN)
OUT
OUT
OUT
/OC
VEN(V/EN)
1µF
RL
CL
VIN
10kΩ
VIN
A
A. Operating Current
B. EN, /EN Input Voltage, Output Rise / Fall Time
GND
IN
IN
EN(/EN)
OUT
OUT
OUT
/OC
VEN(V/EN)
1µF
10kΩ
CL
VIN
VIN
IOUT
A
GND
IN
IN
EN(/EN)
OUT
OUT
OUT
/OC
VEN(V/EN)
1µF
VIN
VIN
I/OC
C. ON-Resistance
Over-Current Detection
D. /OC Output Low Voltage
Figure 1. Measurement Circuit
Timing Diagram
tON1
VOUT
10%
90%
90%
tOFF1
tON2
V/EN
V/ENL
tOFF2
V/ENH
tON1
VOUT
10%
90%
90%
tOFF1
tON2
VEN
VENH
tOFF2
VENL
Figure 2. Timing Diagram (BD82000FVJ)
Figure 3. Timing Diagram (BD82001FVJ)
5/23
21.Aug.2014 Rev.002
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300340-1-2


Similar Part No. - BD82000FVJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82000FVJ ROHM-BD82000FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BD82000FVJ ROHM-BD82000FVJ Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ-E2 ROHM-BD82000FVJ-E2 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82000FVJ-LBE2 ROHM-BD82000FVJ-LBE2 Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
More results

Similar Description - BD82000FVJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82020FVJ ROHM-BD82020FVJ Datasheet
622Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD82031FVJ ROHM-BD82031FVJ Datasheet
666Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82030FVJ ROHM-BD82030FVJ Datasheet
664Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82021FVJ ROHM-BD82021FVJ Datasheet
624Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com