Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ2H-48V Datasheet(PDF) 5 Page - Nais(Matsushita Electric Works)

Part # TQ2H-48V
Description  LOW PROFILE 2 FORM C RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TQ2H-48V Datasheet(HTML) 5 Page - Nais(Matsushita Electric Works)

  TQ2H-48V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TQ2H-48V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TQ2H-48V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TQ2H-48V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TQ2H-48V Datasheet HTML 5Page - Nais(Matsushita Electric Works) TQ2H-48V Datasheet HTML 6Page - Nais(Matsushita Electric Works) TQ2H-48V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TQ
137
4.-(1) Electrical life (DC load)
Tested sample: TQ2-12V, 6 pcs.
Condition: 1 A 30 V DC resistive load, 20 cpm
Change of pick-up and drop-out voltage
Change of contact resistance
4.-(2) Electrical life (AC load)
Tested sample: TQ2-12V, 6 pcs.
Condition: 0.5 A 125 V AC resistive load, 20 cpm
Change of pick-up and drop-out voltage
100
90
80
70
60
50
40
30
20
10
010
520
15
No. of operations,
×104
Max.
Min.
Max.
Min.
Pick-up voltage
Drop-out voltage
0
5
10
15
20
No. of operations,
×104
100
90
80
70
60
50
40
30
20
10
Max.
Min.
No. of operations,
×104
100
90
80
70
60
50
40
30
20
10
05
10
Max.
Min.
Max.
Min.
Pick-up voltage
Drop-out voltage
Change of contact resistance
5.-(1) Coil temperature rise (2C)
Tested sample: TQ2-12V
Measured portion: Inside the coil
Ambient temperature: 30
°C 86°F
5.-(2) Coil temperature rise (4C)
Tested sample: TQ4-12V
Measured portion: Inside the coil
Ambient temperature: 30
°C 86°F
No. of operations,
×104
05
10
100
90
80
70
60
50
40
30
20
10
Max.
Min.
1 A
1 A
Coil applied voltage, %V
100
110
120 130
140 150
70
60
50
40
30
20
10
0
0 A
3 to 12 V DC type
24 V DC type
Nominal coil voltage
1 A
Coil applied voltage, %V
100
110
120 130
140 150
70
60
50
40
30
20
10
0
0 A
6.-(1) Operate/release time characteristics
Tested sample: TQ2-12V, 10 pcs.
6.-(2) Operate/release time characteristics
Tested sample: TQ4-12V, 10 pcs.
7. Distribution of pick-up and drop-out voltages
Tested sample: TQ2-12V, 50 pcs.
Coil applied voltage, %V
80
90
100
110
120
6
5
4
3
2
1
0
Max.
Min.
Max.
Min.
Operate time
Release time
Coil applied voltage, %V
80
90
100
110
120
6
5
4
3
2
1
0
Max.
Min.
Max.
Min.
Operate time
Release time
Ratio against the rated voltage, %V
0
102030405060708090 100
10
20
30
Drop-out voltage
Pick-up voltage
8. Distribution of set and reset voltage
Tested sample: TQ2-L2-12V, 35 pcs.
9. Ambient temperature characteristics
Tested sample: TQ2-12V, 5 pcs.
10. Distribution of contact resistance
Tested sample: TQ2-12V, 30 pcs. (30
×4 contacts)
0
10 20 30 4050
7080 90 100
60
Ratio against the rated voltage, %V
10
20
30
Set voltage
Reset voltage
20
20
40
40
60
80
0
–20
–40
–20
–40
Ambient temperature,
°C
Drop-out
voltage
Pick-up voltage
x
x
10
20
30
40
0
304050
Contact resistance, m


Similar Part No. - TQ2H-48V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ2H-48V PANASONIC-TQ2H-48V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
TQ2H-48V PANASONIC-TQ2H-48V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
More results

Similar Description - TQ2H-48V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
   1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
   1-Form-C OptoMOS Relay
logo
Hongfa Technology
HFD27 HONGFA-HFD27_17 Datasheet
59Kb / 3P
   2 Form C configuration
logo
Fujitsu Component Limit...
FTR-B2 FUJITSU-FTR-B2 Datasheet
143Kb / 8P
   4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
FTR-B2 FUJITSU-FTR-B2_06 Datasheet
1Mb / 8P
   4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
   1 Form C Solid State Relay
logo
Adam Technologies, Inc.
RSY-1C-12V ADAM-TECH-RSY-1C-12V Datasheet
84Kb / 1P
   RELAY 1 FORM C SEALED TYPE
RSC-A-1C-X-S ADAM-TECH-RSC-A-1C-X-S Datasheet
91Kb / 1P
   RELAY 1 FORM C SEALED TYPE
logo
Nais(Matsushita Electri...
CQ1-12V NAIS-CQ1-12V Datasheet
51Kb / 3P
   1 FORM C AUTOMOTIVE QUIET RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com