Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS3142 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCS3142_14 Datasheet HTML 7Page - Microchip Technology MCS3142_14 Datasheet HTML 8Page - Microchip Technology MCS3142_14 Datasheet HTML 9Page - Microchip Technology MCS3142_14 Datasheet HTML 10Page - Microchip Technology MCS3142_14 Datasheet HTML 11Page - Microchip Technology MCS3142_14 Datasheet HTML 12Page - Microchip Technology MCS3142_14 Datasheet HTML 13Page - Microchip Technology MCS3142_14 Datasheet HTML 14Page - Microchip Technology MCS3142_14 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
 2014 Microchip Technology Inc.
DS40001747A-page 11
MCS3142
TABLE 3-9:
CLASSIC KEELOQ® TECHNOLOGY TIME ELEMENT VALUE CONFIGURATION
REGISTER
Byte Address
Bit
Description
Values
0x1D
7:0
Time Element Timer Value
See Section 6.2 “Baud Rate”
TABLE 3-10:
ULTIMATE KEELOQ® TECHNOLOGY CRYPT KEY CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x1E
7:0
Crypt Key
Least Significant eight bits of the crypt key
0x1F
7:0
Byte 1 of the crypt key
0x20
7:0
Byte 2 of the crypt key
0x21
7:0
Byte 3 of the crypt key
0x22
7:0
Byte 4 of the crypt key
0x23
7:0
Byte 5 of the crypt key
0x24
7:0
Byte 6 of the crypt key
0x25
7:0
Byte 7 of the crypt key
0x26
7:0
Byte 8 of the crypt key
0x27
7:0
Byte 9 of the crypt key
0x28
7:0
Byte 10 of the crypt key
0x29
7:0
Byte 11 of the crypt key
0x2A
7:0
Byte 12 of the crypt key
0x2B
7:0
Byte 13 of the crypt key
0x2C
7:0
Byte 14 of the crypt key
0x2D
7:0
Most Significant eight bits of the crypt key
TABLE 3-11:
ULTIMATE KEELOQ® TECHNOLOGY SEED CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x2E
7:0
Seed
Least Significant eight bits of the seed
0x2F
7:0
Byte 1 of the seed
0x30
7:0
Byte 2 of the seed
0x31
7:0
Byte 3 of the seed
0x32
7:0
Byte 4 of the seed
0x33
7:0
Byte 5 of the seed
0x34
7:0
Byte 6 of the seed
0x35
7:0
Byte 7 of the seed
0x36
7:0
Byte 8 of the seed
0x37
7:0
Byte 9 of the seed
0x38
7:0
Byte 10 of the seed
0x39
7:0
Byte 11 of the seed
0x3A
7:0
Byte 12 of the seed
0x3B
7:0
Byte 13 of the seed
0x3C
7:0
Byte 14 of the seed
0x3D
7:0
Most Significant eight bits of the seed


Similar Part No. - MCS3142_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCS3142 MICROCHIP-MCS3142 Datasheet
2Mb / 57P
   MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
10/28/13
More results

Similar Description - MCS3142_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCS3122 MICROCHIP-MCS3122 Datasheet
416Kb / 26P
   MCS3122 Advanced KEELOQ짰 Technology Encoder Data Sheet
03/25/14
MCS3142 MICROCHIP-MCS3142 Datasheet
2Mb / 57P
   MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
10/28/13
HCS362 MICROCHIP-HCS362_11 Datasheet
867Kb / 46P
   KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
2011
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
   KEELOQ짰 Code Hopping Encoder
2001
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
   KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
   KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
   KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
HCS370 MICROCHIP-HCS370_11 Datasheet
956Kb / 42P
   KEELOQ짰 Code Hopping Encoder Four selectable baud rates
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com