Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM115CD Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM115CD
Description  3.3V 5V 짹12V Housekeeping IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM115CD Datasheet(HTML) 4 Page - STMicroelectronics

  TSM115CD Datasheet HTML 1Page - STMicroelectronics TSM115CD Datasheet HTML 2Page - STMicroelectronics TSM115CD Datasheet HTML 3Page - STMicroelectronics TSM115CD Datasheet HTML 4Page - STMicroelectronics TSM115CD Datasheet HTML 5Page - STMicroelectronics TSM115CD Datasheet HTML 6Page - STMicroelectronics TSM115CD Datasheet HTML 7Page - STMicroelectronics TSM115CD Datasheet HTML 8Page - STMicroelectronics TSM115CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TSM115
Electrical Characteristics
4/17
Rem
THrm
High threshold
From Low to high
1.87
1.93
1.99
V
TLrm
Low threshold
From high to low
1.0
1.25
1.4
V
Power Good (PG)
Ipgol
Sink current
VPg=0.4V
10
mA
Vpgol
Low output voltage
Ipg=10mA
0.4
V
Tpgr
Rise time PG
Rpg=1K
500
ns
Under Voltage Blanking (Tuv) and Power Good (Tpg) times
Iotuvtpg
Current output source
Vtuvtpg = 0V
4.5
5
5.5
µA
THtuv
High threshold blanking
From low to high voltage
0.287
0.312
0.337
V
TLtuv
Low threshold blanking
From high to low voltage
0.25
V
THtpg
High threshold power good
From low to high voltage
1.218
1.25
1.282
V
TLtpg
Low threshold power good
From high to low voltage
0.9
1
1.1
V
Idtuvtpg
Current discharge of TuvTpg
2
5
mA
Vtuvtpgol
Low output voltage
Iotutpg = 1mA
0.2
V
Vtuvtpgoh Clamp voltage
2.1
2.3
2.5
V
VinTuvTpg Input voltage
-0.3
2.3
V
DIotuvtpg
Current source drift in temperature
Tmin < Tamb < Tmax
1
µA
Remote (Trem) and Surge current blanking (Tsur) times
Iotrm
TRem current source
Vtrmtsur = 0V
90
100
110
µA
Iotsur
Tsur current source
Vtrmtsur = 0V
9
10
11
µA
THtrm
High thresold voltage TRem
From low to high
1.218
1.25
1.282
V
TLtrm
Low thresold voltage TRem
From high to low
0.9
1
1.1
V
Idtrmtsur
Current discharge of TRemTsur
2
5
mA
Vtrmtsurol Low output voltage
Iotmtsur = 1mA
0.2
V
Vtrmtsuroh Clamp voltage
2.1
2.3
2.5
V
Vintrmtsur Input voltage
-0.3
2.3
V
DIotrm
Current source drift in temperature
Tmin < Tamb < Tmax
5
µA
DIotsur
Current source drift in temperature
Tmin < Tamb < Tmax
500
nA
Fault
Ifltol
IFault sink current
VFault=0.4V
10
mA
Vfltol
Low output voltage
IFault=10mA
0.4
V
THVcc
High threshold voltage, Vcc low to high
Rem low, all lines between
UV and OV.
2.95
V
TLVcc
Low threshold voltage, Vcc high to low
2.65
V
HystVcc
Vcc hysteresis : THVcc-TLVcc
TBD
300
TBD
mV
Rcrnt
VRcrn
Output voltage
1.20
1.25
1.30
V
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit


Similar Part No. - TSM115CD

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM110N06 TSC-TSM110N06 Datasheet
107Kb / 6P
   55V N-Channel Power MOSFET
TSM110N06CZC0 TSC-TSM110N06CZC0 Datasheet
107Kb / 6P
   55V N-Channel Power MOSFET
TSM110NB04CR TSC-TSM110NB04CR Datasheet
310Kb / 6P
   N-Channel Power MOSFET 40V, 54A, 11m廓
TSM110NB04LCR TSC-TSM110NB04LCR Datasheet
311Kb / 6P
   N-Channel Power MOSFET 40V, 54A, 11m廓
logo
STMicroelectronics
TSM111 STMICROELECTRONICS-TSM111 Datasheet
154Kb / 18P
   TRIPLE VOLTAGE AND CURRENT SUPERVISOR
More results

Similar Description - TSM115CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM114 STMICROELECTRONICS-TSM114 Datasheet
166Kb / 14P
   3.3V 5V 짹12V Housekeeping IC
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
   3.3V 5V 12V HOUSEKEEPING IC
TSM1121 STMICROELECTRONICS-TSM1121 Datasheet
136Kb / 11P
   3.3V 5V 12V HOUSEKEEPING IC
TSM121 STMICROELECTRONICS-TSM121 Datasheet
136Kb / 12P
   SINGLE CHIP PWM & HOUSEKEEPING IC FOR HALF BRIDGE SMPS
logo
Dallas Semiconductor
DS1836 DALLAS-DS1836 Datasheet
169Kb / 9P
   3.3V/5V MicroManager
logo
Maxim Integrated Produc...
DS1836 MAXIM-DS1836 Datasheet
173Kb / 9P
   3.3V/5V MicroManager
121906
logo
Golledge Electronics Lt...
GVXO34 GOLLEDGE-GVXO34 Datasheet
69Kb / 1P
   3.3V & 5V VCXO
logo
Maxim Integrated Produc...
REFD5510 MAXIM-REFD5510 Datasheet
137Kb / 5P
   Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
MAXREFDES9 MAXIM-MAXREFDES9 Datasheet
353Kb / 8P
   3.3V to 15V Input, 짹15V (짹12V) Output, Isolated Power Supply
Oct 25, 2012
MAX742 MAXIM-MAX742 Datasheet
143Kb / 12P
   Switch-Mode Regulator with 5V to 짹12V or 짹15V Dual Output
19-3105; Rev 2; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com