Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZA1045 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TZA1045
Description  Photodiode and amplifier IC for CD and DVD applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA1045 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TZA1045 Datasheet HTML 4Page - NXP Semiconductors TZA1045 Datasheet HTML 5Page - NXP Semiconductors TZA1045 Datasheet HTML 6Page - NXP Semiconductors TZA1045 Datasheet HTML 7Page - NXP Semiconductors TZA1045 Datasheet HTML 8Page - NXP Semiconductors TZA1045 Datasheet HTML 9Page - NXP Semiconductors TZA1045 Datasheet HTML 10Page - NXP Semiconductors TZA1045 Datasheet HTML 11Page - NXP Semiconductors TZA1045 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2003 Jun 26
8
Philips Semiconductors
Preliminary specification
Photodiode and amplifier IC for
CD and DVD applications
TZA1045
MECHANICAL DATA
handbook, full pagewidth
50
115
115
145
100
MGU616
150
150
A
EF
G
H
B
DC
50
Fig.3 Photodiode configuration.
Dimensions in
µm.
Space between central segments: <1
µm.
Space between satellite segments: <1
µm.
handbook, full pagewidth
E
DETAIL X
see detail X
package
centre
+54 µm offset
45
° ± 1°
MGU617
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
x
y
Fig.4 Diagram showing position of the photodiode array with respect to the package (top view).
45
° angle is with respect to the leadframe.
Drawing is not to scale.
Package window is not shown.


Similar Part No. - TZA1045

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1046 PHILIPS-TZA1046 Datasheet
133Kb / 24P
   Photodiode and amplifier IC for CD and DVD applications
2004 May 04
TZA1046TM PHILIPS-TZA1046TM Datasheet
133Kb / 24P
   Photodiode and amplifier IC for CD and DVD applications
2004 May 04
TZA1048 PHILIPS-TZA1048 Datasheet
104Kb / 17P
   4-channel BTL driver for CD/DVD drives
2004 Mar 09
TZA1048TH PHILIPS-TZA1048TH Datasheet
104Kb / 17P
   4-channel BTL driver for CD/DVD drives
2004 Mar 09
More results

Similar Description - TZA1045

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1046 PHILIPS-TZA1046 Datasheet
133Kb / 24P
   Photodiode and amplifier IC for CD and DVD applications
2004 May 04
SAA7818HL PHILIPS-SAA7818HL Datasheet
120Kb / 30P
   DVD and CD playback IC
Rev. 03-25 November 2004
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
   CD and DVD playback
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
NXP Semiconductors
SAA7335 PHILIPS-SAA7335 Datasheet
196Kb / 36P
   DSP for CD and DVD-ROM systems
1997 Aug 11
logo
Sanyo Semicon Device
LA6505 SANYO-LA6505 Datasheet
138Kb / 13P
   For CD-ROM, DVD-ROM and MD players
logo
Rohm
BH3527FV ROHM-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
List of Unclassifed Man...
BH3527FV ETC2-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
Sony Corporation
CXA2525AM SONY-CXA2525AM Datasheet
269Kb / 13P
   RF Amplifier for CD Player and CD-ROM
logo
Hitachi Semiconductor
HA12188AF HITACHI-HA12188AF Datasheet
248Kb / 35P
   Pre-Amplifier and Servo IC for Quadruple-Speed CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com