Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZA1045 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TZA1045
Description  Photodiode and amplifier IC for CD and DVD applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA1045 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TZA1045 Datasheet HTML 6Page - NXP Semiconductors TZA1045 Datasheet HTML 7Page - NXP Semiconductors TZA1045 Datasheet HTML 8Page - NXP Semiconductors TZA1045 Datasheet HTML 9Page - NXP Semiconductors TZA1045 Datasheet HTML 10Page - NXP Semiconductors TZA1045 Datasheet HTML 11Page - NXP Semiconductors TZA1045 Datasheet HTML 12Page - NXP Semiconductors TZA1045 Datasheet HTML 13Page - NXP Semiconductors TZA1045 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2003 Jun 26
10
Philips Semiconductors
Preliminary specification
Photodiode and amplifier IC for
CD and DVD applications
TZA1045
Msens
channel A, B, C and D
matching sensitivity
note 3
0
+5
%
Vo
output voltage range
1
VDD2 − 1V
Io
output current
excluding writing CD-R
0
3
6.5
mA
Io(offset)
output offset current
dark conditions;
Tamb = 0 to 70 °C
−7
+15
µA
Io(clip)
output current clipping
level
CD-R writing; note 4
5
8mA
In(o)
spot noise output current
Io = 2.0 mA; fo = 50 MHz
reading DVD-ROM
480
pA/
√Hz
reading CD-ROM
1660
pA/
√Hz
reading DVD+RW
685
pA/
√Hz
reading CD-RW
1900
pA/
√Hz
Differential RF outputs; pins RFP and RFN
B−3dB
channel RFP and RFN
RF bandwidth
Io =1mA
writing DVD+R
135
170
205
MHz
writing CD-R
235
290
350
MHz
writing DVD+RW
290
360
435
MHz
writing CD-RW
120
150
180
MHz
reading DVD-ROM
135
170
210
MHz
reading CD-ROM
95
120
145
MHz
reading DVD+RW
140
175
210
MHz
reading CD-RW
80
105
130
MHz
∆td(p)
phase delay variation
Io = 1 mA; fi = 13 to 130 MHz
reading DVD-ROM
0.15
ns
reading CD-ROM
1
ns
reading DVD+RW
0.25
ns
reading CD-RW
1.3
ns
∆t
d(g)
group delay variation
Io = 1.5 mA;
fi = 2.6 to 130 MHz
reading DVD-ROM
0.4
ns
reading CD-ROM
0.8
ns
reading DVD+RW
0.6
ns
reading CD-RW
1.2
ns
Vo
output voltage range
1
VDD2 − 1V
Io
output current
028mA
Io(offset)
output offset current
dark conditions;
Tamb = 0 to 70 °C
pin RFP
13
0
µA
pin RFN
−14
0
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TZA1045

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1046 PHILIPS-TZA1046 Datasheet
133Kb / 24P
   Photodiode and amplifier IC for CD and DVD applications
2004 May 04
TZA1046TM PHILIPS-TZA1046TM Datasheet
133Kb / 24P
   Photodiode and amplifier IC for CD and DVD applications
2004 May 04
TZA1048 PHILIPS-TZA1048 Datasheet
104Kb / 17P
   4-channel BTL driver for CD/DVD drives
2004 Mar 09
TZA1048TH PHILIPS-TZA1048TH Datasheet
104Kb / 17P
   4-channel BTL driver for CD/DVD drives
2004 Mar 09
More results

Similar Description - TZA1045

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1046 PHILIPS-TZA1046 Datasheet
133Kb / 24P
   Photodiode and amplifier IC for CD and DVD applications
2004 May 04
SAA7818HL PHILIPS-SAA7818HL Datasheet
120Kb / 30P
   DVD and CD playback IC
Rev. 03-25 November 2004
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
   CD and DVD playback
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
NXP Semiconductors
SAA7335 PHILIPS-SAA7335 Datasheet
196Kb / 36P
   DSP for CD and DVD-ROM systems
1997 Aug 11
logo
Sanyo Semicon Device
LA6505 SANYO-LA6505 Datasheet
138Kb / 13P
   For CD-ROM, DVD-ROM and MD players
logo
Rohm
BH3527FV ROHM-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
List of Unclassifed Man...
BH3527FV ETC2-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
Sony Corporation
CXA2525AM SONY-CXA2525AM Datasheet
269Kb / 13P
   RF Amplifier for CD Player and CD-ROM
logo
Hitachi Semiconductor
HA12188AF HITACHI-HA12188AF Datasheet
248Kb / 35P
   Pre-Amplifier and Servo IC for Quadruple-Speed CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com