Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM603-1S Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # BCM603-1S
Description  Modular ferrule fuse blocks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BCM603-1S Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  BCM603-1S Datasheet HTML 1Page - Cooper Bussmann, Inc. BCM603-1S Datasheet HTML 2Page - Cooper Bussmann, Inc. BCM603-1S Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data 10241
Effective December 2015
BCM and BMM modular
Class CC and supplemental ferrule fuse blocks
Eaton.com/bussmannseries
Specifications
Ratings:
Volts – 600V
Amps – up to 30A
Withstand – 200kA RMS Sym.
Agency information:
Class CC BCM
UL® Listed E14853 - IZLT
CSA® Certified 47235-6225-01
CE
RoHS Compliant
Conflict mineral free
REACH declaration available upon request
13/32” x 1-1/2” (Midget) BMM
UL Recognized E14853 - IZLT2
CSA Certified 47235-6225-01
CE
RoHS compliant
Conflict mineral free
REACH declaration available upon request
Covers:
Covers are included in the overall UL Listing/Recognition and
CSA Certification
IP20 finger-safe
RoHS compliant
REACH declaration available upon request
Poles:
1-, 2-, 3-pole units factory assembled
Single-pole units snap together to create desired number of
poles
Flammability ratings:
Blocks – UL 94V0, self-extinguishing
Covers – UL 94HB, self-extinguishing
Operating and storage temperature range:
Blocks – -40°C to +120°C
Non indicating covers – -40°C to +120°C
Indicating covers – -20°C to +90°C*
* Indication requires minimum 90Vac/dc and closed circuit to
illuminate.
Materials:
Base – Thermoplastic
Terminals – Tin-plated bimetallic copper
Covers – Thermoplastic
Screws and pressure plates – Zinc-plated steel
Cover Part Numbers:
For blocks with quick connect terminals – CVR(I)-CCM-QC
All other terminal options – CVR(I)-CCM
Marker labels:
Use Bussmann series part number TM26CB
Recommended Bussmann series fuses:
Class CC
Ultimate protection time-delay Low-Peak™ LP-CC,
data sheet No. 1023
Advanced protection time-delay Limitron™ FNQ-R,
data sheet No. 1014
Advanced protection fast-acting Limitron KTK-R,
data sheet No. 1015
13/32” x 1-1/2” (midget)
Fast-acting 250Vac BAF, data sheet No. 2011
Fast-acting 600Vac KTK, data sheet No. 1011
Fast-acting 600Vac/dc KLM, data sheet No. 2020
Time-delay 250Vac FNM, data sheet No. 2028
Time-delay 500Vac FNQ, data sheet No. 1012
10x38mm (IEC)
Class aM and gG/gL IEC industrial fuses, data sheet No.
720115
Recommended Bussmann series DIN-Rail end stops:
Part No. BRKT-ND
Part No. BRKT-NDSCREW2
Table 1. Catalog numbers
Terminal type
Poles
Fuse class
#10-32
Phil-slot screw
Screw with
quick connect*
Pressure plate
Pressure plate with
quick connect*
Box lug
BCM603-1S
BCM603-1SQ
BCM603-1P
BCM603-1PQ
BCM603-1C
1
CC
BCM603-2S
BCM603-2SQ
BCM603-2P
BCM603-2PQ
BCM603-2C
2
CC
BCM603-3S
BCM603-3SQ
BCM603-3P
BCM603-3PQ
BCM603-3C
3
CC
BMM603-1SQ
BMM603-1PQ
BMM603-1C
1
10x38 (13/32”x1-1/2”)
BMM603-2SQ
BMM603-2PQ
BMM603-2C
2
10x38 (13/32”x1-1/2”)
BMM603-3SQ
BMM603-3PQ
BMM603-3C
3
10x38 (13/32”x1-1/2”)
BCCMM603-3SQ —
BCCMM603-3PQ
3
3-Pole control circuit transformer block
2-pole CC with 1-pole 10x38 (13/32”x1-
½”)
* ¼“ Quick Connect terminal maximum ampacity dependent on female spade connector and wire ratings.


Similar Part No. - BCM603-1S

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BCM6010 PULSE-BCM6010 Datasheet
68Kb / 1P
   VDSL TRANSFORMERS For Use with Broadcom
logo
Broadcom Corporation.
BCM6020 BOARDCOM-BCM6020 Datasheet
219Kb / 2P
   SCALABLE DSL TRANSCEIVER
logo
Pulse A Technitrol Comp...
BCM6020 PULSE-BCM6020 Datasheet
68Kb / 1P
   VDSL TRANSFORMERS For Use with Broadcom
More results

Similar Description - BCM603-1S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
   Class J modular ferrule and knifeblade fuse blocks
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
   ferrule power distribution fuse blocks
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
logo
Littelfuse
02980900Z LITTELFUSE-02980900Z Datasheet
57Kb / 1P
   FUSE BLOCKS
03500418Z LITTELFUSE-03500418Z Datasheet
57Kb / 1P
   FUSE BLOCKS
logo
Eaton All Rights Reserv...
S-8000 EATON-S-8000 Datasheet
259Kb / 2P
   Fuse blocks
BH-2 EATON-BH-2 Datasheet
565Kb / 3P
   BH-2 modular fuse blocks, 700 V, 400 A
BH-3 EATON-BH-3 Datasheet
541Kb / 5P
   BH-3 modular fuse blocks, 700 V, 700 A
BH-1 EATON-BH-1 Datasheet
773Kb / 5P
   BH-1 modular fuse blocks, 700 V, 400 A
logo
Littelfuse
1LS101 LITTELFUSE-1LS101 Datasheet
497Kb / 3P
   Semiconductor Fuse Blocks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com