Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCH245A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVCH245A
Description  OCTAL BUS TRANSCEIVER WITH BUS HOLD / 3 STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVCH245A Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVCH245A Datasheet HTML 1Page - Diodes Incorporated 74LVCH245A Datasheet HTML 2Page - Diodes Incorporated 74LVCH245A Datasheet HTML 3Page - Diodes Incorporated 74LVCH245A Datasheet HTML 4Page - Diodes Incorporated 74LVCH245A Datasheet HTML 5Page - Diodes Incorporated 74LVCH245A Datasheet HTML 6Page - Diodes Incorporated 74LVCH245A Datasheet HTML 7Page - Diodes Incorporated 74LVCH245A Datasheet HTML 8Page - Diodes Incorporated 74LVCH245A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74LVCH245A
Document number: DS35891 Rev. 1 - 2
2 of 10
www.diodes.com
July 2014
© Diodes Incorporated
74LVCH245A
Ordering Information
74 LVC H245A xxx -13
Logic Device
Function
Package
Packing
74 : Logic Prefix
H245 :
OCTAL BUS
TRANSCEIVER
WITH BUS
HOLD / 3
STATE
OUTPUTS
T20 : TSSOP-20
-13 : 13” Tape & Reel
Q20 : QFN-20
Part Number
Package
Code
Package
(Note 4 & 5)
Package
Size
13” Tape and Reel
Quantity
Part Number Suffix
74LVCH245AT20-13
T20
TSSOP-20
6.4mm X 6.5mm X 1.2mm
0.65 mm lead pitch
2500/Tape & Reel
-13
74LVCH245AQ20-13
Q20
V-QFN4525-20
2.5mm X 4.5mm X 0.95mm
0.50 mm lead pitch
2500/Tape & Reel
-13
Notes:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
5. V-QFN4525-20 is a JEDEC recognized naming convention that specifies the package thickness category as V and the number 4525 describes the
package as 4.5mm X 2.5mm.
Pin Descriptions
Pin
Number
Pin
Name
Description
1
DIR
Direction Control
2
1A1
Data Input
3
2Y4
Data Output
4
1A2
Data Input
5
2Y3
Data Output
6
1A3
Data Input
7
2Y2
Data Output
8
1A4
Data Input
9
2Y1
Data Output
10
GND
Ground
11
2A1
Data Input
12
1Y4
Data Output
13
2A2
Data Input
14
1Y3
Data Output
15
2A3
Data Input
16
1Y2
Data Output
17
2A4
Data Input
18
1Y1
Data Output
19
OE
2
Output Enable 2
20
Vcc
Supply Voltage
Logic Diagram
Function Table
INPUTS
Operation
OE
DIR
L
L
B Data to A Bus
L
H
A Data to B Bus
H
X
Bus Isolation


Similar Part No. - 74LVCH245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH245A PHILIPS-74LVCH245A Datasheet
125Kb / 20P
   Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
74LVCH245A NXP-74LVCH245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
74LVCH245A PHILIPS-74LVCH245A Datasheet
324Kb / 10P
   Octal bus transceiver with direction pin with 5-volt tolerant inputs/outputs (3-State)
1998 May 20
logo
Nexperia B.V. All right...
74LVCH245A NEXPERIA-74LVCH245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
logo
NXP Semiconductors
74LVCH245A-Q100 NXP-74LVCH245A-Q100 Datasheet
243Kb / 16P
   Octal bus transceiver; 3-state
Rev. 1-3 September 2012
More results

Similar Description - 74LVCH245A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com