Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9120 Datasheet(PDF) 10 Page - Microchip Technology

Part # HV9120
Description  High-Voltage, Current-Mode, PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9120 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HV9120 Datasheet HTML 6Page - Microchip Technology HV9120 Datasheet HTML 7Page - Microchip Technology HV9120 Datasheet HTML 8Page - Microchip Technology HV9120 Datasheet HTML 9Page - Microchip Technology HV9120 Datasheet HTML 10Page - Microchip Technology HV9120 Datasheet HTML 11Page - Microchip Technology HV9120 Datasheet HTML 12Page - Microchip Technology HV9120 Datasheet HTML 13Page - Microchip Technology HV9120 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
HV9120/HV9123
DS20005519A-page 10
 2016 Microchip Technology Inc.
5.0
DETAILED DESCRIPTION
5.1
High-Voltage Regulator
The high-voltage regulator included in HV9120 and
HV9123 consists of a high-voltage, n-channel, deple-
tion-mode DMOS transistor, driven by an error ampli-
fier, providing a current path between the VIN terminal
and the VDD terminal. The maximum current, about 20
mA, occurs when VDD = 0, with current reducing as VDD
rises. This path shuts off when VDD rises to somewhere
between 7.8 and 9.4V. So, if VDD is held at 10 or 12V
by an external source, no current other than leakage is
drawn through the high voltage transistor. This mini-
mizes dissipation.
Use an external capacitor between VDD and GND to
store energy used by the chip in the time between shut-
off of the high voltage path and the VDD supply’s output
rising enough to take over powering the chip. This
capacitor should have a value of 100X or more the
effective gate capacitance of the MOSFET being
driven, as well as very good high-frequency character-
istics. See the equation below. Ceramic caps work well.
Electrolytic capacitors are generally not suitable.
The device uses a resistor divider string to monitor VDD
for both the under voltage lockout circuit and the shutoff
circuit of the high voltage FET. Setting the under volt-
age sense point about 0.6V lower on the string than the
FET shutoff point guarantees that the under voltage
lockout releases before the FET shuts off.
5.2
Bias Circuit
HV9120 and HV9123 require an external bias resistor,
connected between the BIAS pin and GND, to set cur-
rents in a series of current mirrors used by the analog
sections of the chip. The nominal external bias current
requirement is 15 to 20 µA, which can be set by a 390
kΩ to 510 kΩ resistor if VDD = 10V, or a 510 kΩ to 680
kΩ resistor if VDD = 12V. A precision resistor is not
required, ±5% meets the device requirements.
5.3
Clock Oscillator
The clock oscillator of the HV9120 and HV9123 con-
sists of a ring of CMOS inverters, timing capacitors, and
a capacitor-discharge FET. A single external resistor
between the OSCI and OSCO sets the oscillator fre-
quency (see Figure 2-1, Output Switching Frequency
vs Oscillator Resistance).
HV9120 includes a frequency-dividing flip-flop that
allows the part to operate with a 50% duty limit. Accord-
ingly, the effective switching frequency of the power
converter is half the oscillator frequency (see Figure 2-
1, Output Switching Frequency vs Oscillator Resis-
tance).
An internal, discharge FET resets the oscillator ramp at
the end of the oscillator cycle. The FET is internally
connected to GND in HV9120 (50% max duty version).
Whereas, the FET is externally connected to GND, by
way of a resistor, in the HV9123 (100% duty version).
The resistor programs the oscillator dead time at the
end of the oscillator period in HV9123 applications.
The oscillator turns off during shutdown to reduce sup-
ply current by about 150 μA.
5.4
Reference
The reference of the HV9120 and HV9123 consists of
a band-gap reference, followed by a buffer amplifier,
which scales the voltage up to 4.0V. The scaling resis-
tors of the buffer amplifier are trimmed during manufac-
ture so that the output of the error amplifier, when
connected in a gain of -1 configuration, is as close to
4.0V as possible. This nulls out the input offset of the
error amplifier. As a consequence, even though the
observed reference voltage of a specific part may not
be exactly 4.0V, the feedback voltage required for
proper regulation will be 4.0V.
An approximately 50 kΩ resistor is located internally
between the output of the reference buffer amplifier
and the circuitry it feeds–reference output pin and non-
inverting input to the error amplifier. This allows overrid-
ing the internal reference with a low impedance voltage
source ≤6.0V. Using an external reference reinstates
the input offset voltage of the error amplifier. Overriding
the reference should seldom be necessary.
The reference of the HV9120 and HV9123 is a high
impedance node, and usually there will be significant
electrical noise nearby. Therefore, a bypass capacitor
between the reference pin and GND is strongly recom-
mended. The reference buffer amplifier is compen-
sated to be stable with a capacitive load of 0.01 to
0.1 µF.
5.5
Error Amplifier
The error amplifier in HV9120 and HV9123 is a low-
power, differential-input, operational amplifier. A PMOS
input stage is used, so the common mode range
includes ground and the input impedance is high.
5.6
Current Sense Comparators
HV9120 and HV9123 use a dual-comparator system
with independent comparators for modulation and cur-
rent limiting. This allows the designer greater latitude in
compensation design, as there are no clamps, except
ESD protection, on the compensation pin.
CVDD 100
gate charge of FET at 10V



Similar Part No. - HV9120

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9120 SUTEX-HV9120 Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9120NG SUTEX-HV9120NG Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9120NG-GM934 SUTEX-HV9120NG-GM934 Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
More results

Similar Description - HV9120

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com