Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3758 Datasheet(PDF) 2 Page - UMC Corporation

Part # UM3758
Description  TRi-STATE ProgrammaBle Encoder/Decoder
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMC [UMC Corporation]
Direct Link  http://www.umc.com
Logo UMC - UMC Corporation

UM3758 Datasheet(HTML) 2 Page - UMC Corporation

  UM3758 Datasheet HTML 1Page - UMC Corporation UM3758 Datasheet HTML 2Page - UMC Corporation UM3758 Datasheet HTML 3Page - UMC Corporation UM3758 Datasheet HTML 4Page - UMC Corporation UM3758 Datasheet HTML 5Page - UMC Corporation UM3758 Datasheet HTML 6Page - UMC Corporation UM3758 Datasheet HTML 7Page - UMC Corporation UM3758 Datasheet HTML 8Page - UMC Corporation UM3758 Datasheet HTML 9Page - UMC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
UM3758 Serie s
Power Supply Voltage . . . . . . . . .
to
Operating Temperature . . . . . . . .
to
Storage Temperature (Tstg) . . . . .
to 150°C
Apply Voltage on any Pin . . . . . . . . . . . . . .
0.3
+
0.3
Stresses above those listed
“Absolute Maximum
Ratings’ may
permanent darnage to the device.
These are stress ratings only.
Operation of
this device at these or any other conditions above
those indicated in the operational
of this
specification is not
and exposure to absolute
( TA = 25°C ,
= 9 Volts ,
= OV unless otherwise specified)
Parameter
Operating voltage
Operating current
Schmitt Trigger input
level
Other pins input
level
Output pin
level
DATA output current
HIGH level
LOW level
Symbol
Min.
3.0
Vsh
6
Vih
8.5
Vil
0
Voh
8.5
Vol
0
lohd
9
lold
9
TYP.
Max.
12
1.2
2
9
0.5
9
1
Unit
V
mA
V
V
V
v
V
v
mA
mA
Conditions
HIGH
HIGH
HIGH
VDD = 12V
Voh = 6V
Vol = 6V


Similar Part No. - UM3758

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM3750 UMC-UM3750 Datasheet
148Kb / 5P
   Programmable Encoder/Decoder
UM3750 UMC-UM3750 Datasheet
140Kb / 5P
   Programmable Encoder/Decoder
UM3750A UMC-UM3750A Datasheet
148Kb / 5P
   Programmable Encoder/Decoder
UM3750AM UMC-UM3750AM Datasheet
148Kb / 5P
   Programmable Encoder/Decoder
UM3750M UMC-UM3750M Datasheet
140Kb / 5P
   Programmable Encoder/Decoder
More results

Similar Description - UM3758

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP801B ETC2-LP801B Datasheet
94Kb / 4P
   Tri-state coding control IC / Encoder / Decoder
2005-10-18 REV1.4
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
   PROGRAMMABLE ENCODER/DECODER
logo
UMC Corporation
UM3750 UMC-UM3750 Datasheet
148Kb / 5P
   Programmable Encoder/Decoder
UM3750 UMC-UM3750_1 Datasheet
140Kb / 5P
   Programmable Encoder/Decoder
logo
Supertex, Inc
ED-15 SUTEX-ED-15 Datasheet
393Kb / 8P
   Programmable Encoder Decoder
logo
List of Unclassifed Man...
SD7017 ETC1-SD7017 Datasheet
1Mb / 7P
   2-STATE ENCODER / DECODER
SD7062 ETC1-SD7062 Datasheet
3Mb / 9P
   3-STATE ENCODER / DECODER
logo
National Semiconductor ...
DM7556 NSC-DM7556 Datasheet
155Kb / 8P
   TRI-STATE Programmable Binary Counters
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com