Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9120P-G-M934 Datasheet(PDF) 6 Page - Microchip Technology

Part # HV9120P-G-M934
Description  High-Voltage, Current-Mode, PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9120P-G-M934 Datasheet(HTML) 6 Page - Microchip Technology

Back Button HV9120P-G-M934 Datasheet HTML 2Page - Microchip Technology HV9120P-G-M934 Datasheet HTML 3Page - Microchip Technology HV9120P-G-M934 Datasheet HTML 4Page - Microchip Technology HV9120P-G-M934 Datasheet HTML 5Page - Microchip Technology HV9120P-G-M934 Datasheet HTML 6Page - Microchip Technology HV9120P-G-M934 Datasheet HTML 7Page - Microchip Technology HV9120P-G-M934 Datasheet HTML 8Page - Microchip Technology HV9120P-G-M934 Datasheet HTML 9Page - Microchip Technology HV9120P-G-M934 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
HV9120/HV9123
DS20005519A-page 6
 2016 Microchip Technology Inc.
1.1
Truth Table
TEMPERATURE SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Units Conditions
Temperature Ranges
Operating Temperature
-40
125
°C
Storage Temperature
-65
150
°C
Package Thermal Resistances
Thermal Resistance, SOIC
θja
–83–
°C/W
Thermal Resistance, PDIP
θja
–51–
°C/W
TRUTH TABLE
SHUTDOWN
RESET
OUTPUT
H
H
Normal operation
HH → L
Normal operation, no change
L
H
Off, not latched
L
L
Off, latched
L → H
L
Off, latched, no change


Similar Part No. - HV9120P-G-M934

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9120P-G SUTEX-HV9120P-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
More results

Similar Description - HV9120P-G-M934

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com