Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC1344YFT Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC1344YFT
Description  Smart, 3A, Two-Channel, Power ORing Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1344YFT Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC1344YFT Datasheet HTML 1Page - Micrel Semiconductor MIC1344YFT Datasheet HTML 2Page - Micrel Semiconductor MIC1344YFT Datasheet HTML 3Page - Micrel Semiconductor MIC1344YFT Datasheet HTML 4Page - Micrel Semiconductor MIC1344YFT Datasheet HTML 5Page - Micrel Semiconductor MIC1344YFT Datasheet HTML 6Page - Micrel Semiconductor MIC1344YFT Datasheet HTML 7Page - Micrel Semiconductor MIC1344YFT Datasheet HTML 8Page - Micrel Semiconductor MIC1344YFT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Micrel, Inc.
MIC1344
April 24, 2015
3
Revision 1.0
Pin Description (Continued)
Pin Number
Pin Name
Pin Function
7
ENA
The ENA and ENB digital inputs control which voltage input (INA or INB) is connected to the
voltage out (OUT) pin. There is an internal 570k
Ω pull-down on this pin to ensure that automatic
select mode is active when the logic that is driving the MIC1344 is being powered-up. Table 1
shows how to control the power routing with the ENA and ENB inputs.
8
ILIMA
A resistor from this pin to ground sets the current limit for INA. The current flowing into INA can be
monitored by the voltage on this pin.
9
ASEL\
Open Drain Output. Low if Input A (INA) is providing power to the OUT pin.
10
STAOK
Open drain output, digital status monitor for supply voltage Input A (INA). Voltage will be low if
any of the following conditions occur:
INA is below the UVLO limit.
The output current from INA is at its set current limit.
The die temperature exceeds the overtemperature limit.
Reverse current detected (VOUT > VINA+100mV).
Prolonged high hysteresis mode engaged.
11
INA
Supply Voltage Input A. This input may be bypassed to GND with >0.1µF, X7R or similar, ceramic
type capacitor. This input is hot swappable.
12
OUT
Voltage Output. This is the power output. Bypass this pin to ground with a capacitor suitable to
provide adequate power during the switchover time of the MIC1344. This capacitor should be a
minimum of 10µF, X7R or similar temperature stability, ceramic capacitor.
EP
ePad
Internally connected to electrical ground (GND) pin. Connect to as large a PCB area as practical
to dissipate heat from the MIC1344.


Similar Part No. - MIC1344YFT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC10937 MICREL-MIC10937 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
MIC10937J-40 MICREL-MIC10937J-40 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
MIC10937P-40 MICREL-MIC10937P-40 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
MIC10937P-50 MICREL-MIC10937P-50 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
MIC10937PE-40 MICREL-MIC10937PE-40 Datasheet
365Kb / 8P
   V. F. Alphanumeric Display Controller
More results

Similar Description - MIC1344YFT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS612N1 INFINEON-BTS612N1 Datasheet
308Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS707 INFINEON-BTS707 Datasheet
304Kb / 12P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS621L1 INFINEON-BTS621L1 Datasheet
337Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Lowpower Semiconductor ...
LPW5213 POWER-LPW5213 Datasheet
269Kb / 5P
   3A Smart Power Switch
LPW5203 POWER-LPW5203 Datasheet
238Kb / 5P
   3A Smart Power Switch
logo
Siemens Semiconductor G...
TLE5224G2 SIEMENS-TLE5224G2 Datasheet
366Kb / 9P
   SMART TWO CHANNEL LOW-SIDE SWITCH
logo
Infineon Technologies A...
TLE6215G INFINEON-TLE6215G Datasheet
268Kb / 12P
   Smart Two Channel Low-Side Switch
V5 28.04.2002
ITS621L1 INFINEON-ITS621L1 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com