Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC281-1YM6 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC281-1YM6
Description  Low-Cost IttyBitty??Thermal Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC281-1YM6 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC281-1YM6 Datasheet HTML 6Page - Micrel Semiconductor MIC281-1YM6 Datasheet HTML 7Page - Micrel Semiconductor MIC281-1YM6 Datasheet HTML 8Page - Micrel Semiconductor MIC281-1YM6 Datasheet HTML 9Page - Micrel Semiconductor MIC281-1YM6 Datasheet HTML 10Page - Micrel Semiconductor MIC281-1YM6 Datasheet HTML 11Page - Micrel Semiconductor MIC281-1YM6 Datasheet HTML 12Page - Micrel Semiconductor MIC281-1YM6 Datasheet HTML 13Page - Micrel Semiconductor MIC281-1YM6 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Micrel, Inc.
MIC281
April 23, 2014
11
Revision 2.0
Application Information
Remote Diode Section
Most small-signal PNP transistors with characteristics
similar to the JEDEC 2N3906 will perform well as remote
temperature sensors. Table 4 lists several examples of
such parts that Micrel has tested for use with the MIC281.
Other transistors equivalent to these should also work well.
Table 4. Transistors suitable for use as remote diodes
Vendor
Part
Number
Package
Fairchild Semiconductor
MMBT3906
SOT-23
On Semiconductor
MMBT3906L
SOT-23
Philips Semiconductor
SMBT3906
SOT-23
Samsung Semiconductor
KST3906-TF
SOT-23
Minimizing Errors
Self-Heating
One concern when using a part with the temperature
accuracy and resolution of the MIC281 is to avoid errors
induced by self-heating (VDD × IDD) + (VOL × IOL). In order to
understand what level of error this might represent, and
how to reduce that error, the dissipation in the MIC281
must
be
calculated
and
its
effects
reduced
to
a
temperature offset. The worst-case operating condition for
the MIC281 is when VDD = 3.6V.The maximum power
dissipated in the part is given in the following equation:
PD = [(IDD × VDD)+(IOL(DATA) × VOL(DATA))]
PD = [(0.4mA× 3.6V)+(6mA× 0.5V)]
PD = 4.44mW
Rθ(J-A) of SOT23-6 package is 230°C/W, therefore the
theoretical maximum self-heating is:
4.44mW × 230°C/W = 1.02°C
In most applications, the DATA pin will have a duty cycle
of substantially below 25% in the low state. These
considerations, combined with more typical device and
application parameters, give a better system-level view of
device self-heating. This is illustrated by the next equation.
In any application, the best approach is to verify
performance against calculation in the final application
environment. This is especially true when dealing with
systems for which some temperature data may be poorly
defined or unobtainable except by empirical means.
PD = [(IDD × VDD)+(IOL(DATA) × VOL(DATA))]
PD = [(0.23mA× 3.3V)+(25% × 1.5mA× 0.15V)] PD =
0.815mW
Rθ(J-A) of SOT23-6 package is 230°C/W, therefore the
typical self-heating is:
0.815mW × 230°C/W = 0.188°C
Series Resistance
The operation of the MIC281 depends upon sensing the
VCB-E of a diode-connected PNP transistor (diode) at two
different
current
levels.
For
remote
temperature
measurements, this is done using an external diode
connected
between
T1
and
ground.
Because
this
technique relies upon measuring the relatively small
voltage difference resulting from two levels of current
through the external diode, any resistance in series with
the external diode will cause an error in the temperature
reading from the MIC281. A good rule of thumb is that for
each ohm in series with the external transistor, there will
be
a
0.9°C
error
in
the
MIC281’s
temperature
measurement. It is not difficult to keep the series
resistance well below an ohm (typically <0.1Ω), so this will
rarely be an issue.
Filter Capacitor Selection
It is usually desirable to employ a filter capacitor between
the T1 and GND pins of the MIC281. The use of this
capacitor is recommended in environments with a lot of
high frequency noise (such as digital switching noise), or if
long traces or wires are used to connect to the remote
diode. The recommended total capacitance from the T1
pin to GND is 2200pF. If the remote diode is to be at a
distance of more than six-to-twelve inches from the
MIC281, using twisted pair wiring or shielded microphone
cable for the connections to the diode can significantly
reduce noise pickup. If using a long run of shielded cable,
remember to subtract the cable’s conductor-to-shield
capacitance from the 2200pF total capacitance.


Similar Part No. - MIC281-1YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC281-1YM6 MICREL-MIC281-1YM6 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
More results

Similar Description - MIC281-1YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC281 MICREL-MIC281_11 Datasheet
177Kb / 12P
   Low-Cost IttyBitty??Thermal Sensor IttyBitty
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC280 MICREL-MIC280_14 Datasheet
865Kb / 28P
   Precision IttyBitty??Thermal Supervisor
MIC280 MICREL-MIC280_06 Datasheet
391Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC280 MICREL-MIC280 Datasheet
226Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
   IttyBitty??Low-Side MOSFET Driver
logo
Amphenol Corporation
RL-30 AMPHENOL-RL-30 Datasheet
64Kb / 2P
   Low cost solid state sensor
logo
MIC GROUP RECTIFIERS
MIC4416 MIC-MIC4416_11 Datasheet
122Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
logo
Amphenol Corporation
RL-14 AMPHENOL-RL-14 Datasheet
70Kb / 2P
   Low cost solid state sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com