Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC281-2YM6 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC281-2YM6
Description  Low-Cost IttyBitty??Thermal Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC281-2YM6 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC281-2YM6 Datasheet HTML 1Page - Micrel Semiconductor MIC281-2YM6 Datasheet HTML 2Page - Micrel Semiconductor MIC281-2YM6 Datasheet HTML 3Page - Micrel Semiconductor MIC281-2YM6 Datasheet HTML 4Page - Micrel Semiconductor MIC281-2YM6 Datasheet HTML 5Page - Micrel Semiconductor MIC281-2YM6 Datasheet HTML 6Page - Micrel Semiconductor MIC281-2YM6 Datasheet HTML 7Page - Micrel Semiconductor MIC281-2YM6 Datasheet HTML 8Page - Micrel Semiconductor MIC281-2YM6 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel, Inc.
MIC281
April 23, 2014
2
Revision 2.0
Ordering Information
Part Number
Marking
(1)
Slave Address
Ambient Temp. Range
Package
MIC281-0YM6
TB00
1001 000xb
–55° to +125°C
SOT23-6
MIC281-1YM6
TB01
1001 001xb
–55° to +125°C
SOT23-6
MIC281-2YM6
TB02
1001 010xb
–55° to +125°C
SOT23-6
MIC281-3YM6
TB03
1001 011xb
–55° to +125°C
SOT23-6
MIC281-4YM6
TB04
1001 100xb
–55° to +125°C
SOT23-6
MIC281-5YM6
TB05
1001 101xb
–55° to +125°C
SOT23-6
MIC281-6YM6
TB06
1001 110xb
–55° to +125°C
SOT23-6
MIC281-7YM6
TB07
1001 111xb
–55° to +125°C
SOT23-6
Note:
1.
Underbar (_) may not be to scale.
Pin Configuration
SOT23-6 (M6)
Top View
Pin Description
Pin Number
Pin Name
Pin Function
1
VDD
Analog input: Power supply input to the IC.
2
GND
Ground return for all IC functions.
3
T1
Analog input: Connection to remote diode junction.
4
CLK
Digital input: Serial bit clock input.
5
DATA
Digital input/output: Open-drain. Serial data input/output.
6
NC
No connection: Must be left unconnected.


Similar Part No. - MIC281-2YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC281-2YM6 MICREL-MIC281-2YM6 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
More results

Similar Description - MIC281-2YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC281 MICREL-MIC281_11 Datasheet
177Kb / 12P
   Low-Cost IttyBitty??Thermal Sensor IttyBitty
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC280 MICREL-MIC280_14 Datasheet
865Kb / 28P
   Precision IttyBitty??Thermal Supervisor
MIC280 MICREL-MIC280_06 Datasheet
391Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC280 MICREL-MIC280 Datasheet
226Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
   IttyBitty??Low-Side MOSFET Driver
logo
Amphenol Corporation
RL-30 AMPHENOL-RL-30 Datasheet
64Kb / 2P
   Low cost solid state sensor
logo
MIC GROUP RECTIFIERS
MIC4416 MIC-MIC4416_11 Datasheet
122Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
logo
Amphenol Corporation
RL-14 AMPHENOL-RL-14 Datasheet
70Kb / 2P
   Low cost solid state sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com