Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSPD400480Y3P Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # BSPD400480Y3P
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BSPD400480Y3P Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

  BSPD400480Y3P Datasheet HTML 1Page - Cooper Bussmann, Inc. BSPD400480Y3P Datasheet HTML 2Page - Cooper Bussmann, Inc. BSPD400480Y3P Datasheet HTML 3Page - Cooper Bussmann, Inc. BSPD400480Y3P Datasheet HTML 4Page - Cooper Bussmann, Inc. BSPD400480Y3P Datasheet HTML 5Page - Cooper Bussmann, Inc. BSPD400480Y3P Datasheet HTML 6Page - Cooper Bussmann, Inc. BSPD400480Y3P Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
6.0 Catalog Number System
Table 15. BSPD part number system
All possible combinations of the BSPD attributes are available
for ordering.
BSPD
kA Rating
per phase
120kA
200kA
300kA
400kA
Voltage/system type code
Configurations
1 = Basic
Green and red LEDs per phase to indicate protection status
Green and red LEDs on Wye units to indicate protection status of the Neutral-to-Ground mode
2 = Standard
Green and red LEDs per phase to indicate protection status
Green and red LEDs on Wye units to indicate protection status of the Neutral-to-Ground mode
Audible alarm with Silence button
Form C contact relay. See Table 3, Specifications
EMI/RFI filtering providing up to 50dB of noise attenuation from 10kHz to 100MHz
3 = Standard With Surge Counter
Green and red LEDs per phase to indicate protection status
Green and red LEDs on Wye units to indicate protection status of the Neutral-to-Ground mode
Audible alarm with silence button
Form C contact relay
EMI/RFI filtering providing up to 50dB of noise attenuation from 10kHz to 100MHz
Surge counter with reset button
208Y = 120/208 Wye (4W + G)
480Y = 277/480 Wye (4W + G)
600Y = 347/600 Wye (4W + G)
240D = 240 Delta (3W + G)
480D = 480 Delta (3W + G)
600D = 600 Delta (3W + G)
Enclosure rating
K = NEMA 1
P = NEMA 4X
BSPD 200 480D 2 K
Series
BSPD SPDs for overvoltage protection on
switchgear and power distribution panels
Technical Data 10209
Effective December 2015
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this
document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical
information that will help the end user with design applications. Eaton reserves the right, without notice, to change design or construction of
any products and to discontinue or limit distribution of any products. Eaton also reserves the right to change or update, without notice, any
technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Eaton and Bussmann are valuable
trademarks of Eaton in the US and other
countries. You are not permitted to use the
Eaton trademarks without prior written
consent of Eaton.
CSA is a registered trademark of the
Canadian Standards Group.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 10209 – BU-SB14678
December 2015
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Follow us on social media to get the
latest product and support information.
Technical support information
If you have any questions or need additional information,
please contact the Eaton’s Bussmann Division
application engineers between the hours of 7:00 am and
5:00 pm central time at 855-287-7626 (855-Bussmann) or by
email, FuseTech@Eaton.com.


Similar Part No. - BSPD400480Y3P

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BSPD400480Y3P EATON-BSPD400480Y3P Datasheet
1Mb / 8P
   High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
More results

Similar Description - BSPD400480Y3P

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BSPD EATON-BSPD Datasheet
1Mb / 8P
   High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
logo
TDK Electronics
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
   On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXAM10A TDK-CXAM10A Datasheet
50Kb / 4P
   On-board type, Non-dimming, 6W, For 1 and 2 bulbs
CXA-M14L-P TDK-CXA-M14L-P Datasheet
43Kb / 2P
   On-board type, Non-dimming, 8.4W, For 1 and 2 bulbs
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI1-TMUX1072_18 Datasheet
993Kb / 26P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
logo
Littelfuse
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
   Electronic Protection Array for ESD and Overvoltage Protection
logo
Fujitsu Component Limit...
FTR-K3-PV FUJITSU-FTR-K3-PV Datasheet
419Kb / 7P
   POWER RELAY 1 POLE - High Capacity 32A Type
logo
STMicroelectronics
TPP25011 STMICROELECTRONICS-TPP25011 Datasheet
55Kb / 7P
   OVERVOLTAGE and OVERCURRENT PROTECTION for TELECOM LINE
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com