Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ2-L-12V Datasheet(PDF) 6 Page - Nais(Matsushita Electric Works)

Part # TQ2-L-12V
Description  LOW PROFILE 2 FORM C RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TQ2-L-12V Datasheet(HTML) 6 Page - Nais(Matsushita Electric Works)

  TQ2-L-12V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TQ2-L-12V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TQ2-L-12V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TQ2-L-12V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TQ2-L-12V Datasheet HTML 5Page - Nais(Matsushita Electric Works) TQ2-L-12V Datasheet HTML 6Page - Nais(Matsushita Electric Works) TQ2-L-12V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TQ
138
11.-(1) High-frequency characteristics
Isolation characteristics
11.-(2) High-frequency characteristics
Insertion loss characteristics
11.-(3) High-frequency characteristics
V.S.W.R.
10
100
1,000
50
100
Frequency,MHz
Frequency,MHz
0.2
0.4
0.6
0.8
1.0
0
10
100
1,000
Frequency,GHz
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
0.5
1
12.-(1) Malfunctional shock (single side stable)
Tested sample: TQ2-12V, 6 pcs.
12.-(2) Malfunctional shock (latching)
Tested sample: TQ2-L-12V, 6 pcs.
13.-(1) Influence of adjacent mounting
Y
,
Y
,
Y
Y
Z
,
Z
,
Z
Z
X
,
X
,
X
X
980m/s2
980m/s2
980m/s2
980m/s2
980m/s2
980m/s2
784m/s2
588m/s2
392m/s2
196m/s2
Deenergized
condition
Energized condition
Y
,
Y
,
Y
Y
Z
,
Z
,
Z
Z
X
,
X
,
X
X
980m/s2
980m/s2
980m/s2
980m/s2
980m/s2
980m/s2
784m/s2
588m/s2
392m/s2
196m/s2
Reset state
Set state
Inter-relay distance
, mm inch
05
.197
–10
0
10
–10
0
10
ON
ON
ON
OFF OFF
OFF
Pick-up voltage
Drop-out voltage
13.-(2) Influence of adjacent mounting
13.-(3) Influence of adjacent mounting
14.-(1) Contact reliability
(1 mA 5 V DC resistive load)
Tested sample: TQ2-12V
Condition: Detection level 10
Inter-relay distance
, mm inch
05
.197
–10
0
10
–10
0
10
ON
ON
ON
OFF
OFF
OFF
Pick-up voltage
Drop-out voltage
Inter-relay distance
, mm inch
05
.197
–10
0
10
–10
0
10
OFF
ON
Pick-up voltage
Drop-out voltage OFF
OFF
OFF
ON
ON
ON
No. of operations,
×106
1.0
10
100
0.1
0.2
0.5
1.0
2.0
5.0
10.0
30.0
50.0
70.0
95.0
99.0
99.9
F(t), %
m=2.15
µ=2.7×107
95% reliability limit =
7.6
×106
(Weibull probability paper)
14.-(2) Contact reliability
(100
µA 5 V DC resistive load)
Tested sample: TQ2-12V
Condition: Detection level 100
15. Actual load test (35 mA 48 V DC wire spring
relay load)
Circuit
Change of pick-up and drop-out voltage
No. of operatins,
×107
1.0
10
100
0.1
0.2
0.5
1.0
2.0
5.0
10.0
30.0
50.0
70.0
95.0
99.0
99.9
F(t), %
m=1.4
µ=16.4×107
95% reliability limit =
19.5
×106
(Weibull probability paper)
500
500
48 V
DC
Wire spring relay Circuit diagram
20Hz
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
No. of operations,
×104
Max.
Min.
Max.
Min.
Pick-up voltage
Drop-out voltage


Similar Part No. - TQ2-L-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ2-L-12V PANASONIC-TQ2-L-12V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
More results

Similar Description - TQ2-L-12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
   1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
   1-Form-C OptoMOS Relay
logo
Hongfa Technology
HFD27 HONGFA-HFD27_17 Datasheet
59Kb / 3P
   2 Form C configuration
logo
Fujitsu Component Limit...
FTR-B2 FUJITSU-FTR-B2 Datasheet
143Kb / 8P
   4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
FTR-B2 FUJITSU-FTR-B2_06 Datasheet
1Mb / 8P
   4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
   1 Form C Solid State Relay
logo
Adam Technologies, Inc.
RSY-1C-12V ADAM-TECH-RSY-1C-12V Datasheet
84Kb / 1P
   RELAY 1 FORM C SEALED TYPE
RSC-A-1C-X-S ADAM-TECH-RSC-A-1C-X-S Datasheet
91Kb / 1P
   RELAY 1 FORM C SEALED TYPE
logo
Nais(Matsushita Electri...
CQ1-12V NAIS-CQ1-12V Datasheet
51Kb / 3P
   1 FORM C AUTOMOTIVE QUIET RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com