Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C202-MN-02 Datasheet(PDF) 5 Page - SMSC Corporation

Part # USB97C202-MN-02
Description  ATA/ATAPI CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C202-MN-02 Datasheet(HTML) 5 Page - SMSC Corporation

  USB97C202-MN-02 Datasheet HTML 1Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 2Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 3Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 4Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 5Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 6Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 7Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 8Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
USB 2.0 ATA/ATAPI Controller
Datasheet
SMSC USB97C202
Page 5
Revision 1.2 (02-04-04)
DATASHEET
Chapter 2 Pin Table
DISK DRIVE INTERFACE (27 Pins)
IDE_D0
IDE_D1
IDE_D2
IDE_D3
IDE_D4
IDE_D5
IDE_D6
IDE_D7
IDE_D8
IDE_D9
IDE_D10
IDE_D11
IDE_D12
IDE_D13
IDE_D14
IDE_D15
IDE_nIOR
IDE_nIOW
IDE_IRQ
IDE_DACK
IDE_DRQ
IDE_nCS0
IDE_nCS1
IDE_SA0
IDE_SA1
IDE_SA2
IORDY
USB INTERFACE (7 Pins)
USBD+
USBD-
LOOPFLTR
RBIAS
RTERM
FS+
FS-
MEMORY/IO INTERFACE (28 Pins)
MD0
MD1
MD2
MD3
MD4
MD5
MD6
MD7
MA0
MA1
MA2
MA3
MA4
MA5
MA6
MA7
MA8
MA9
MA10
MA11
MA12
MA13
MA14
MA15
nMRD
nIOR
nMWR
nIOW
MISC (15 Pins)
ROMEN
GPIO1/HS
GPIO2/EE_CS
GPIO3/VBUS
GPIO4/EE_DIO
GPIO5/ATA RESET
GPIO6/A16
GPIO7/EE_CLK
XTAL1/CLKIN
XTAL2
nRESET
nTEST/nDBGSTR
TST_OUT/DBGOUT
nTESTEN
CLKOUT
POWER, GROUNDS, and NO CONNECTS (23 Pins)


Similar Part No. - USB97C202-MN-02

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C202-MV-05 SMSC-USB97C202-MV-05 Datasheet
189Kb / 19P
   USB 2.0 ATA/ATAPI Controller
More results

Similar Description - USB97C202-MN-02

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P125 ACTEL-A3P125 Datasheet
414Kb / 1P
   ATA/ATAPI Controller
logo
SMSC Corporation
USB97C201 SMSC-USB97C201_03 Datasheet
423Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
USB97C202 SMSC-USB97C202_07 Datasheet
189Kb / 19P
   USB 2.0 ATA/ATAPI Controller
USB97C201 SMSC-USB97C201 Datasheet
385Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
logo
List of Unclassifed Man...
AU6390 ETC2-AU6390 Datasheet
435Kb / 19P
   USB2.0 to ATA/ATAPI Bridge Controller
AU6391 ETC2-AU6391 Datasheet
673Kb / 22P
   USB2.0 to ATA/ATAPI Bridge Controller
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
   USB to ATA/ATAPI Interface Controller
logo
SMSC Corporation
USB2005 SMSC-USB2005 Datasheet
794Kb / 21P
   USB2.0 ATA/ATAPI CONTROLLER WITH PD - DRM
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com